Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 14Page - National Semiconductor (TI) GXM Datasheet HTML 15Page - National Semiconductor (TI) GXM Datasheet HTML 16Page - National Semiconductor (TI) GXM Datasheet HTML 17Page - National Semiconductor (TI) GXM Datasheet HTML 18Page - National Semiconductor (TI) GXM Datasheet HTML 19Page - National Semiconductor (TI) GXM Datasheet HTML 20Page - National Semiconductor (TI) GXM Datasheet HTML 21Page - National Semiconductor (TI) GXM Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 244 page
background image
www.national.com
18
Revision 3.1
Signal Definitions (Continued)
Note: PU/PD indicates pin is
internally connected to
a 20-kohm pull-up/-
down resistor.
VCC2
PWR
K2
VCC2
PWR
K3
VCC2
PWR
K4
VCC2
PWR
K23
VCC2
PWR
K24
VCC2
PWR
K25
VCC2
PWR
K26
VCC2
PWR
Y1
VCC2
PWR
Y2
VCC2
PWR
Y3
VCC2
PWR
Y4
VCC2
PWR
Y23
VCC2
PWR
Y24
VCC2
PWR
Y25
VCC2
PWR
Y26
VCC2
PWR
AC7
VCC2
PWR
AC17
VCC2
PWR
AD7
VCC2
PWR
AD17
VCC2
PWR
AE7
VCC2
PWR
AE17
VCC2
PWR
AF7
VCC2
PWR
AF17
VCC3
PWR
A10
VCC3
PWR
A20
VCC3
PWR
B10
VCC3
PWR
B20
VCC3
PWR
C10
VCC3
PWR
C20
VCC3
PWR
D10
VCC3
PWR
D20
VCC3
PWR
G1
VCC3
PWR
G2
VCC3
PWR
G3
VCC3
PWR
G4
VCC3
PWR
G23
VCC3
PWR
G24
Signal Name
Type
Pin No.
VCC3
PWR
G25
VCC3
PWR
G26
VCC3
PWR
U1
VCC3
PWR
U2
VCC3
PWR
U3
VCC3
PWR
U4
VCC3
PWR
U23
VCC3
PWR
U24
VCC3
PWR
U25
VCC3
PWR
U26
VCC3
PWR
AC10
VCC3
PWR
AC20
VCC3
PWR
AD10
VCC3
PWR
AD20
VCC3
PWR
AE10
VCC3
PWR
AE20
VCC3
PWR
AF10
VCC3
PWR
AF20
VID_CLK
O
P1
VID_DATA0
O
AD4
VID_DATA1
O
AF3
VID_DATA2
O
AE3
VID_DATA3
O
AD3
VID_DATA4
O
AC3
VID_DATA5
O
AD2
VID_DATA6
O
AB3
VID_DATA7
O
AB4
VID_RDY
I
AD1
VID_VAL
O
M2
VOLDET
O
AC5
VSS
GND
A1
VSS
GND
A2
VSS
GND
A13
VSS
GND
A25
VSS
GND
A26
VSS
GND
B1
VSS
GND
B2
Signal Name
Type
Pin No.
VSS
GND
B25
VSS
GND
B26
VSS
GND
D4
VSS
GND
D6
VSS
GND
D8
VSS
GND
D9
VSS
GND
D11
VSS
GND
D12
VSS
GND
D13
VSS
GND
D14
VSS
GND
D15
VSS
GND
D16
VSS
GND
D18
VSS
GND
D19
VSS
GND
D21
VSS
GND
D23
VSS
GND
F4
VSS
GND
F23
VSS
GND
H4
VSS
GND
H23
VSS
GND
J4
VSS
GND
J23
VSS
GND
L4
VSS
GND
L23
VSS
GND
M4
VSS
GND
M23
VSS
GND
N1
VSS
GND
N4
VSS
GND
N23
VSS
GND
P4
VSS
GND
P23
VSS
GND
R4
VSS
GND
R23
VSS
GND
T4
VSS
GND
T23
VSS
GND
V4
VSS
GND
V23
Signal Name
Type
Pin No.
VSS
GND
W4
VSS
GND
W23
VSS
GND
AA4
VSS
GND
AA23
VSS
GND
AC4
VSS
GND
AC6
VSS
GND
AC8
VSS
GND
AC9
VSS
GND
AC11
VSS
GND
AC12
VSS
GND
AC13
VSS
GND
AC14
VSS
GND
AC15
VSS
GND
AC16
VSS
GND
AC18
VSS
GND
AC19
VSS
GND
AC21
VSS
GND
AC23
VSS
GND
AE1
VSS
GND
AE2
VSS
GND
AE25
VSS
GND
AE26
VSS
GND
AF1
VSS
GND
AF2
VSS
GND
AF14
VSS
GND
AF25
VSS
GND
AF26
WEA#
O
R25
WEB#
O
R24
Signal Name
Type
Pin No.
Table 2-3.
352 BGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com