Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 13Page - National Semiconductor (TI) GXM Datasheet HTML 14Page - National Semiconductor (TI) GXM Datasheet HTML 15Page - National Semiconductor (TI) GXM Datasheet HTML 16Page - National Semiconductor (TI) GXM Datasheet HTML 17Page - National Semiconductor (TI) GXM Datasheet HTML 18Page - National Semiconductor (TI) GXM Datasheet HTML 19Page - National Semiconductor (TI) GXM Datasheet HTML 20Page - National Semiconductor (TI) GXM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 244 page
background image
Revision 3.1
17
www.national.com
Signal Definitions (Continued)
Table 2-3. 352 BGA Pin Assignments - Sorted Alphabetically by Signal Name
Signal Name
Type
Pin No.
AD0
I/O
A21
AD1
I/O
A22
AD2
I/O
A19
AD3
I/O
B19
AD4
I/O
A18
AD5
I/O
C18
AD6
I/O
A16
AD7
I/O
B16
AD8
I/O
C16
AD9
I/O
B15
AD10
I/O
C15
AD11
I/O
A14
AD12
I/O
B14
AD13
I/O
C14
AD14
I/O
B13
AD15
I/O
A12
AD16
I/O
A6
AD17
I/O
C8
AD18
I/O
B6
AD19
I/O
C6
AD20
I/O
E4
AD21
I/O
A5
AD22
I/O
B5
AD23
I/O
C5
AD24
I/O
A4
AD25
I/O
B4
AD26
I/O
C4
AD27
I/O
A3
AD28
I/O
B3
AD29
I/O
C1
AD30
I/O
C3
AD31
I/O
C2
BA0
O
AD25
BA1
O
AD26
CASA#
O
P25
CASB#
O
R26
C/BE0#
I/O
A15
C/BE1#
I/O
C13
C/BE2#
I/O
B8
C/BE3#
I/O
D5
CKEA
O
AF24
CKEB
O
AD16
CLKMODE0
I
M3
CLKMODE1
I
L1
CLKMODE2
I
M1
CRT_HSYNC
O
W2
CRT_VSYNC
O
AA3
CS0#
O
V26
CS1#
O
AD23
CS2#
O
V25
CS3#
O
AE23
DCLK
I
AB1
DEVSEL#
s/t/s
A9 (PU)
DQM0
O
T24
DQM1
O
T26
DQM2
O
AF23
DQM3
O
AD22
DQM4
O
T25
DQM5
O
V24
DQM6
O
AC22
DQM7
O
AE22
ENA_DISP
O
AD5
FLT#
I
AC2
FP_HSYNC
O
L2
FP_VSYNC
O
J1
FRAME#
s/t/s
A8 (PU)
GNT0#
O
D1
GNT1#
O
F2
GNT2#
O
E1
INTR
I
B18
IRDY#
s/t/s
C9 (PU)
IRQ13
O
C22
LOCK#
s/t/s
B11 (PU)
MA0
O
W26
MA1
O
AA24
MA2
O
AA25
MA3
O
AA26
MA4
O
AB23
MA5
O
AB24
MA6
O
AB25
MA7
O
AB26
MA8
O
AC24
MA9
O
AC25
MA10
O
AC26
MA11
O
AD24
MA12
O
AE24
MD0
I/O
D22
MD1
I/O
B23
MD2
I/O
A24
MD3
I/O
C25
MD4
I/O
D24
MD5
I/O
E25
MD6
I/O
E23
MD7
I/O
F25
MD8
I/O
H24
MD9
I/O
H26
MD10
I/O
J25
MD11
I/O
L24
MD12
I/O
L26
MD13
I/O
M25
MD14
I/O
N24
MD15
I/O
N26
MD16
I/O
AF22
MD17
I/O
AE21
MD18
I/O
AD19
MD19
I/O
AF19
Signal Name
Type
Pin No.
MD20
I/O
AE18
MD21
I/O
AE16
MD22
I/O
AD15
MD23
I/O
AF15
MD24
I/O
AE14
MD25
I/O
AE13
MD26
I/O
AD12
MD27
I/O
AF12
MD28
I/O
AE11
MD29
I/O
AD9
MD30
I/O
AF9
MD31
I/O
AF6
MD32
I/O
C23
MD33
I/O
B24
MD34
I/O
C24
MD35
I/O
C26
MD36
I/O
D25
MD37
I/O
E26
MD38
I/O
F24
MD39
I/O
F26
MD40
I/O
H25
MD41
I/O
J24
MD42
I/O
J26
MD43
I/O
L25
MD44
I/O
M24
MD45
I/O
M26
MD46
I/O
N25
MD47
I/O
P24
MD48
I/O
AD21
MD49
I/O
AF21
MD50
I/O
AE19
MD51
I/O
AD18
MD52
I/O
AF18
MD53
I/O
AF16
MD54
I/O
AE15
MD55
I/O
AD14
MD56
I/O
AD13
MD57
I/O
AF13
MD58
I/O
AE12
MD59
I/O
AD11
MD60
I/O
AF11
MD61
I/O
AE9
MD62
I/O
AD8
MD63
I/O
AD6
PAR
I/O
B12
PCLK
O
AC1
PERR#
s/t/s
A11 (PU)
PIXEL0
O
N3
PIXEL1
O
N2
PIXEL2
O
P3
PIXEL3
O
P2
PIXEL4
O
R1
PIXEL5
O
R2
Signal Name
Type
Pin No.
PIXEL6
O
R3
PIXEL7
O
T1
PIXEL8
O
T2
PIXEL9
O
T3
PIXEL10
O
V1
PIXEL11
O
V2
PIXEL12
O
V3
PIXEL13
O
W1
PIXEL14
O
W3
PIXEL15
O
AA1
PIXEL16
O
AA2
PIXEL17
O
AB2
RASA#
O
W24
RASB#
O
W25
REQ0#
I
E3 (PU)
REQ1#
I
H3 (PU)
REQ2#
I
D3 (PU)
RESET
I
J3
RW_CLK
O
AE6
SDCLK_IN
I
AE8
SDCLK_OUT
O
AF8
SDCLK0
O
AF4
SDCLK1
O
AE5
SDCLK2
O
AF5
SDCLK3
O
AE4
SERIALP
O
L3
SERR#
OD
C12 (PU)
SMI#
I
C19
STOP#
s/t/s
C11 (PU)
SUSP#
I
H2 (PU)
SUSPA#
O
E2
SYSCLK
I
P26
TCLK
I
J2 (PU)
TDI
I
D2 (PU)
TDN
O
D26
TDO
O
F1
TDP
O
E24
TEST
I
F3 (PD)
TEST0
O
C21
TEST1
O
B21
TEST2
O
A23
TEST3
O
B22
TMS
I
H1 (PU)
TRDY#
s/t/s
B9 (PU)
VCC2
PWR
A7
VCC2
PWR
A17
VCC2
PWR
B7
VCC2
PWR
B17
VCC2
PWR
C7
VCC2
PWR
C17
VCC2
PWR
D7
VCC2
PWR
D17
VCC2
PWR
K1
Signal Name
Type
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com