Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXM Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 177Page - National Semiconductor (TI) GXM Datasheet HTML 178Page - National Semiconductor (TI) GXM Datasheet HTML 179Page - National Semiconductor (TI) GXM Datasheet HTML 180Page - National Semiconductor (TI) GXM Datasheet HTML 181Page - National Semiconductor (TI) GXM Datasheet HTML 182Page - National Semiconductor (TI) GXM Datasheet HTML 183Page - National Semiconductor (TI) GXM Datasheet HTML 184Page - National Semiconductor (TI) GXM Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 244 page
background image
Revision 3.1
181
www.national.com
Power Management (Continued)
0VID_DEC
Video Decode — This bit indicates that the CPU has accessed either the Display Controller regis-
ters or the graphics memory region. This bit has a corresponding enable bit in the
PM_CNTRL_TEN.
Note: The GXm processor transmits the contents of the serial packet only when a bit in the packet register is set and the interval
counter has elapsed. The CS5530 decodes the serial packet after each transmission. Once a bit in the packet is set, it will
remain set until the completion of the next packet transmission. Successive events of the same type that occur between packet
transmissions are ignored. Multiple unique events between packet transmissions will accumulate in this register.
Table 6-2. Power Management Control and Status Registers (Continued)
Bit
Name
Description
Table 6-3. Power Management Programmable Address Region Registers
Bit
Name
Description
Index FFFFFF6Ch
PM_BASE Register (R/W)
Default Value = 0000000h
31:28
RSVD
Reserved — Set to 0.
27:2
BASE_ADDR
Base Address — This is the word-aligned base address for the programmable memory range com-
pare. The actual address range is determined with this field and the PM_MASK register value.
1:0
RSVD
Reserved — Set to 0.
Index FFFFFF7Ch
PM_MASK Register (R/W)
Default Value = 0000000h
31:28
RSVD
Reserved — Set to 0.
27:2
ADR_MASK
Address Mask — This field is the address mask for the BASE_ADDR field in the PM_BASE regis-
ter. If a bit in the ADR_MASK field is cleared the corresponding bit in the BASE_ADDR field must
match the processor address. If a bit in the mask field is set high, the corresponding bit in the
BASE_ADDR field always compares. If the processor cycle type matches the values of the WE and
RE bits, and all bits in the BADD field match the processor address based on the ADR_MASK field,
bit 1 will be set high in the serial transmission packet.
1WE
Write Enable — Compare memory write cycles with BASE_ADDR and ADR_MASK:
0 = Disable; 1 = Enable.
0RE
Read Enable — Compare memory read cycles with BASE_ADDR and ADR_MASK:
0 = Disable; 1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com