Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7336DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7336DP
Description  N-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7336DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7336DP Datasheet HTML 1Page - Vishay Siliconix SI7336DP Datasheet HTML 2Page - Vishay Siliconix SI7336DP Datasheet HTML 3Page - Vishay Siliconix SI7336DP Datasheet HTML 4Page - Vishay Siliconix SI7336DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7336DP
Vishay Siliconix
Document Number: 72415
S-41795—Rev. C, 04-Oct-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
1000
2000
3000
4000
5000
6000
7000
0
6
12
18
24
30
0.000
0.001
0.002
0.003
0.004
0.005
0
10203040
50
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
45
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
Crss
VDS = 15 V
ID = 20 A
VGS = 10 V
ID = 25 A
VGS = 10 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
VGS = 4.5 V
1.0
1.2
0.000
0.003
0.006
0.009
0.012
0.015
0
2468
10
0.1
10
50
ID = 25 A
0.00
0.2
0.4
0.6
0.8
TJ = 150_C
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
Coss
Ciss
1
TJ = 25_C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com