Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL811HS Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 5 Page - Cypress Semiconductor

  SL811HS Datasheet HTML 1Page - Cypress Semiconductor SL811HS Datasheet HTML 2Page - Cypress Semiconductor SL811HS Datasheet HTML 3Page - Cypress Semiconductor SL811HS Datasheet HTML 4Page - Cypress Semiconductor SL811HS Datasheet HTML 5Page - Cypress Semiconductor SL811HS Datasheet HTML 6Page - Cypress Semiconductor SL811HS Datasheet HTML 7Page - Cypress Semiconductor SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 5 of 29
4.2
SL811HS Host or Slave Mode Selection [Master/Slave Mode]
SL811HS can work in two modes—host or slave. For slave-mode operation and specification, please refer to the SL811S
specification. This data sheet only covers host-mode operation.
4.3
Features
• The only USB Host/Slave controller for embedded systems in the market with a standard microprocessor bus interface.
• Supports both full-speed (12 Mbps) and low-speed (1.5 Mbps) USB transfer
4.3.1
USB Specification Compliance
• Conforms to USB Specification 1.1
4.3.2
CPU Interface
• Operates as a single USB host or slave under software control
• Low-speed 1.5 Mbps, and full speed 12 Mbps, in both master and slave modes
• Automatic detection of either low- or full-speed devices
• 8-bit bidirectional data, port I/O (DMA supported in slave mode)
• On-chip SIE and USB transceivers
• On-chip single root HUB support
• 256-byte internal SRAM buffer, ping-pong operation
• Operates from 12- or 48-MHz crystal or oscillator (built-in DPLL)
• 5 V-tolerant interface
• Suspend/resume, wake up, and low-power modes are supported
• Auto-generation of SOF and CRC5/16
• Auto-address increment mode, saves memory Read/Write cycles
• Development kit including source code drivers is available
• Backward-compatible with SL11H, both pin and functionality
• 3.3V power source, 0.35 micron CMOS technology
• Available in both a 28-pin PLCC package (SL811HS) and a 48-pin TQFP package (SL811HST-AC).
X1
X2
D+
D-
INTR
nWR
nRD
nCS
nRST
D0-7
GENERATOR
USB
Root-HUB
XCVRS
SERIAL
INTERFACE
ENGINE
RAM
BUFFERS
CONTROL
REGISTERS
INTERRUPT
CLOCK
&
CONTROLLER
PROCESSOR
INTERFACE
Master/Slave
Controller
Figure 4-1. SL811HS USB Host/Slave Controller Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com