Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL811HS Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 5Page - Cypress Semiconductor SL811HS Datasheet HTML 6Page - Cypress Semiconductor SL811HS Datasheet HTML 7Page - Cypress Semiconductor SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor SL811HS Datasheet HTML 10Page - Cypress Semiconductor SL811HS Datasheet HTML 11Page - Cypress Semiconductor SL811HS Datasheet HTML 12Page - Cypress Semiconductor SL811HS Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 9 of 29
The registers in the SL811HS are divided into two major groups. The first group is referred to as USB Control registers. These
registers enable and provide status for control of USB transactions and data flow. The second group of registers provides control
and status for all other operations.
5.1
Register Values on Power-up and Reset
The following registers initialize to zero on power-up and reset:
• USB-A/USB-B Host Control Register [00H, 08H] bit 0 only
• Control Register 1 [05H]
• USB Address Register [07H]
• Current Data Set/Hardware Revision/SOF Counter LOW Register [0EH]
All other registers power-up and reset in an unknown state and should be initialized by firmware.
5.2
USB Control Registers
Communication and data flow on the USB uses the SL811HS’s USB A-B Control Registers. The SL811HS can communicate with
any USB Device functions and any specific endpoints via the USBA or USBB register sets.
The USB A-B Host Control Registers can be used in a Ping-Pong arrangement to manage traffic on the USB. The USB Host
Control Register also provides a means to interrupt an external CPU or Micro Controller when one of the USB protocol transac-
tions is completed. The table above shows the two sets of USB Host Control Registers, the “A” set and “B” set. The two register
sets allow for overlapped operation. When one set of parameters is being set up, the other is transferring. On completion of a
transfer to an endpoint, the next operation will be controlled by the other register set.
Note. On the SL11H, the USB-B set control registers are not used. The USB-B register set can be used only when SL811HS
mode is enabled by initializing register 0FH.
The SL811HS USB Host Control has two groups of five registers each, which map in the SL811HS memory space. These registers
are defined in the following tables.
Register Name SL11H and SL811HS
SL11H (hex)
Address
SL811HS (hex)
Address
USB-A Host Control Register
00H
00H
USB-A Host Base Address
01H
01H
USB-A Host Base Length
02H
02H
USB-A Host PID, Device Endpoint (Write)/USB Status (Read)
03H
03H
USB-A Host Device Address (Write)/Transfer Count (Read)
04H
04H
Control Register1
05H
05H
Interrupt Enable Register
06H
06 H
Reserved Register
Reserved
Reserved
USB-B Host Control Register
Reserved
08H
USB-B Host Base Address
Reserved
09H
USB-B Host Base Length
Reserved
0AH
USB-B Host PID, Device Endpoint (Write)/USB Status (Read)
Reserved
0BH
USB-B Host Device Address (Write)/Transfer Count (Read)
Reserved
0CH
Status Register
0DH
0DH
SOF Counter LOW (Write)/HW Revision Register (Read)
0EH
0E H
SOF Counter HIGH and Control Register2
Reserved
0F H
Memory Buffer
10H-FFH
10H-FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com