Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL811HS Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 6Page - Cypress Semiconductor SL811HS Datasheet HTML 7Page - Cypress Semiconductor SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor SL811HS Datasheet HTML 10Page - Cypress Semiconductor SL811HS Datasheet HTML 11Page - Cypress Semiconductor SL811HS Datasheet HTML 12Page - Cypress Semiconductor SL811HS Datasheet HTML 13Page - Cypress Semiconductor SL811HS Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 10 of 29
• Bit 3 is reserved for future usage.
• The SL811HS uses bit 5 to enable transfer of a data packet after a SOF packet is transmitted. When this bit set “1,” the next
enabled packet will be sent after next SOF. If set = “0” the next packet is sent immediately if the SIE is free.
• The SL811HS automatically generates preamble packets when bit 7 is set. This bit is only used to send packets to a low-speed
device through a hub. To communicate to a full speed device, this bit is set to zero. For example, when SL811HS communicates
to a low-speed device via the HUB:
— SL811HS SIE should set to operate at 48 MHz, i.e., bit 5 of register 05H should be set = “0.”
— Bit 6 of register 0FH should be set = “0,” set correct polarity of DATA+ and DATA– state for Full Speed.
— Bit 7, Preamble Bit, should be set = “1” in Host Control register.
• When SL811HS communicates directly to low-speed device:
— SL811HS. Bit 5 of register 05H should be set = “1.”
— Bit 6 of register 0FH should be set = “1,” DATA+ and DATA– polarity for low speed.
— The state of bit 7 is ignored in this mode.
5.2.3
Example of SL811HS USB Packet Transfer
SL811HS memory set-up as shown:
03h-04h Register will contain PID and Device endpoint and Device Address.
10h-FFh USB Data as required.
5.2.1
SL811HS Host Control Registers
Register Name SL11H and SL811H
SL11H (hex)
Address
SL811HS (hex)
Address
USB-A Host Control Register
00H
00H
USB-A Host Base Address
01H
01H
USB-A Host Base Length
02H
02H
USB-A Host PID, Device Endpoint (Write)/USB Status (Read)
03H
03H
USB-A Host Device Address (Write)/Transfer Count (Read)
04H
04H
USB-B Host Control Register
Reserved
08H
USB-B Host Base Address
Reserved
09H
USB-B Host Base Length
Reserved
0AH
USB-B Host PID, Device Endpoint (Write)/USB Status (Read)
Reserved
0BH
USB-B Host Device Address (Write)/Transfer Count (Read)
Reserved
0CH
5.2.2
USB-A/USB-B Host Control Registers [00H, 08H]
Bit Position
Bit Name
Function
0
Arm
Allows enabled transfers when set = “1.” Cleared to “0” when transfer is complete.
1
Enable
When set = “1” allows transfers to this endpoint. When set “0” USB transactions are ignored.
If Enable = “1” and Arm = '0' the endpoint will return NAKs to USB transmissions.
2
Direction
When set = “1” transmit to Host. When “0” receive from Host.
3
Reserved
4
ISO
When set to “1” allows Isochronous mode for this endpoint.
5
SOF
“1” = Synchronize with the SOF transfer
6
Data Toggle Bit
“0” if DATA0, “1” if DATA1.
7
Preamble
If set = “1” a preamble token is transmitted prior to transfer of low-speed packet. If set = “0,”
preamble generation is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com