Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1792 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL1792
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1792 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL1792 Datasheet HTML 3Page - Diodes Incorporated AL1792 Datasheet HTML 4Page - Diodes Incorporated AL1792 Datasheet HTML 5Page - Diodes Incorporated AL1792 Datasheet HTML 6Page - Diodes Incorporated AL1792 Datasheet HTML 7Page - Diodes Incorporated AL1792 Datasheet HTML 8Page - Diodes Incorporated AL1792 Datasheet HTML 9Page - Diodes Incorporated AL1792 Datasheet HTML 10Page - Diodes Incorporated AL1792 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
7 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Functional Block Diagram
Figure 5. Functional Block Diagram of AL1792/1793/1794 (Note 4)
Note:
4. PWM2 and LED2 are not applicable to AL1791. PWM3 and LED3 are not applicable to AL1791 and AL1792. PWM4 and LED4 are not applicable to
AL1791, AL1792, and AL1793.
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Units
ESD
HBM
Human Body Model ESD Protection
4,000
V
CDM
Charged Device Model ESD Protection
1,000
V
VIN
Input Voltage
30
V
VEN , VPWMx
Enable Voltage, PWM Voltage
7
V
TJ(MAX)
Maximum Junction Temperature
160
°C
TST
Storage Temperature Range
-65 to +150
°C
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input voltage at VIN
6.5
30
V
TA
Operating Ambient Temperature
-40
125
C
VIH
High-Level Input Voltage on EN and PWMx
2.5
5.5
V
VIL
Low-Level Input Voltage on EN and PWMx
0
0.4
V
Pre_regulator
Bandgap
Bias current
UVLO
EN
OSC
VREF
Dimming Signal
Process
Protection Function
REF
PWM1
PWM2
PWM3
PWM4
EN
VIN
LED1
LED2
LED3
LED4
FAULTB
GND
VDD
Current Reference
Current Ratio
Circuit
PWM Control
Current Ratio
Circuit
PWM Control
Current Ratio
Circuit
PWM Control
Current Ratio
Circuit
PWM Control
LED Power Judgement
Function
LEDPG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com