Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1792 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1792
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1792 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1792 Datasheet HTML 4Page - Diodes Incorporated AL1792 Datasheet HTML 5Page - Diodes Incorporated AL1792 Datasheet HTML 6Page - Diodes Incorporated AL1792 Datasheet HTML 7Page - Diodes Incorporated AL1792 Datasheet HTML 8Page - Diodes Incorporated AL1792 Datasheet HTML 9Page - Diodes Incorporated AL1792 Datasheet HTML 10Page - Diodes Incorporated AL1792 Datasheet HTML 11Page - Diodes Incorporated AL1792 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
8 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Electrical Characteristics (@TA = +25°C, VIN = +12V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VUVLO
UVLO Voltage
VIN Rising
—
6.3
—
V
VUVHYS
UVLO Hysteresis
VIN Falling
—
300
—
mV
ISHDN
Shutdown Supply Current
Disabled
—
10
—
µA
IQ
Quiescent Supply Current
Enabled,
LEDx floating, PWMx are “L”, RSET is 12KΩ
—
2
—
mA
VIL(EN)
EN Low Voltage
—
0
—
0.4
V
VIH(EN)
EN High Voltage
—
2.5
—
—
V
I(EN-PD)
EN Internal Pulldown
VEN=5V
0.35
—
3.5
μA
VIL(PWMx)
Digital PWM Low Voltage
—
—
—
0.3
V
VIH(PWMx)
Digital PWM High Voltage
—
2.5
—
—
V
FPWMx
Digital PWM Frequency
—
0.5
—
4
KHz
I(PWMx-PD)
PWM Internal Pulldown
VEN=5V
0.35
—
3.5
μA
TPWMx_MIN.
ON
Minimum PWMx On Time
—
—
2.5
—
μS
VADIM_MIN Analog Dimming Min Voltage
—
—
0.4
—
V
VADIM_MAX Analog Dimming Max Voltage
—
—
1.5
—
V
VREF
Reference Voltage
—
1.47
1.5
1.53
V
IREF
Reference Current
RSET=12KΩ
—
0.125
—
mA
ILED1_NOM
Regulation Current for Channel 1
RSET=12KΩ
—
250
—
mA
ILED2_NOM
Regulation Current for Channel 2
RSET=12KΩ
—
250
—
mA
ILED3_NOM
Regulation Current for Channel 3
(not for AL1792)
RSET=12KΩ
—
187.5
—
mA
ILED4_NOM
Regulation Current for Channel 4
(not for AL1792/1793)
RSET=12KΩ
—
62.5
—
mA
VLED_REG
Minimum LED Regulation Voltage ILED1=250mA
—
250
—
mV
ILED_LEAK
LEDx Leakage Current
VPWMx=0V, VLEDx=+12V
—
0.1
2
μA
ILED_ACCURA
CY
LED Current Accuracy
RSET=12KΩ
-4.0
—
4.0
%
VLEDSHP
LED Short Protection Threshold
—
—
6
—
V
TLEDSHDG
Short-detection Deglitch
Analog Dimming
—
2
—
mS
NLEDSHDG
PWM Dimming (count the number of continuous cycles
when LED short is detected)
—
6
—
Cycles
TLEDOPDG
Open-detection Deglitch
Analog Dimming
—
2
—
mS
NLEDOPDG
PWM Dimming (count the number of continuous cycles
when LED open is detected)
—
6
—
Cycles
TSS
Soft-start Time
VEN=5V, 90% of ILEDx_NOM
—
100
—
μS
TSHDN
Thermal Shutdown Threshold
RSET=12KΩ
—
160
—
°C
TREC
Thermal Recovery Threshold
RSET=12KΩ
—
100
—
°C
VFOL
FAULTB Output Low Voltage
IFAULTB=1mA
—
—
180
mV
IFOH
FAULTB Leakage Current
VFAULTB=6V
—
—
1
μA
θ
JA
Thermal Resistance Junction-to-
Ambient
U-DFN4030-14 (Note 5)
—
55
—
°C/W
θ
JC
Thermal Resistance Junction-to-
Case
U-DFN4030-14 (Note 5)
—
12
—
°C/W
Note:
5. Device mounted on 2
” x 2” FR-4 substrate PCB, 2oz copper, with minimum recommended pad on top layer and thermal vias to bottom layer ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com