Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL1792 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AL1792
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1792 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AL1792 Datasheet HTML 10Page - Diodes Incorporated AL1792 Datasheet HTML 11Page - Diodes Incorporated AL1792 Datasheet HTML 12Page - Diodes Incorporated AL1792 Datasheet HTML 13Page - Diodes Incorporated AL1792 Datasheet HTML 14Page - Diodes Incorporated AL1792 Datasheet HTML 15Page - Diodes Incorporated AL1792 Datasheet HTML 16Page - Diodes Incorporated AL1792 Datasheet HTML 17Page - Diodes Incorporated AL1792 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
14 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Application Information (continued)
Support Higher Current
While the recommended maximum ILED1 is at 500mA for AL1792/1793/1794, by setting RSET at 6KΩ, the system design can drive an LED string
with higher current by connecting the cathodes of the LED emitter string to two or more LED channel outputs (LEDx) and associated PWM pins
(PWMx) with the same PWM signal from the MCU. The result current through the LED emitter string is the sum of each current through the
individual channels. For example, one can achieve a total of 1.5A by connecting the only one LED emitter string to all four LED channel outputs
AL1793 or AL1794 for a fixed CCT lighting application.
Similarly, it is also possible to further increase the current for a specific channel by connecting two or more AL179x IC chips in parallel and drive all
associated PWM pins with a common PWM signal.
Dimming Performance
For PWM-dimmed light sources, there are two important performance aspects to pay attention to, namely, PWM frequency and deep dimming
performance. While human eyes cannot discern any flickering caused by PWM-dimming light sources over 200Hz, electronic devices such as
cameras for smartphones can detect flickering (referred to as e-Flicker) caused by certain much higher PWM-dimmed light sources. Generally
speaking, the higher the PWM dimming signals applied to the light source, the less e-Flicker is detected by electronic components. The Smart
Light bulb design could leverage the fast response time enabled by AL179x by applying PWM signals over 4KHz, which has been experimented to
be free of e-Flicker.
Measured light is linearly proportional to the measured current and PWM duty cycle. The perceived light by human eyes has a non-linear
relationship with measured light. Human eyes are also found to be more sensitive to low light situations. For example, 10% measured light is
perceived to be 32% of the original full light. 5% measured light is perceived to be 22% of the original full light. 1% measured light is perceived to
be 10% of the original full light. Therefore, deeper dimming such as less-than 0.4% at 4KHz PWM frequency can save significant energy as well
as to provide adequate visible light output.
Special System Design Considerations
Three key Smart Light Bulb system design issues need to be carefully planned for system efficiency consideration. Any headroom voltage (over
total voltage drops for all LED emitters in a string) in each channel will result in additional power consumption for AL179x, which needs to be
dissipated by AL179x. System designers are advised to carefully plan for forward-voltage-matched LED strings with Constant Voltage (CV)
regulators to ensure that AL179x can properly dissipate heat for normal operations.
(1)
VF Matching for Emitter Strings: It is crucial to match the total forward voltage drop (VF) of each LED string attached to a CV for optimal
system efficiency.
(2)
Multiple CVs to Match Emitter Module Design: The AC to DC Power Conversion block may need to support multiple CV outputs to power
all emitter strings in a Smart Light Bulb design.
(3)
Overall Thermal Management: Though there are various protection mechanisms built into AL179x, it is good practice to check the maximum
dimming patterns to avoid Thermal Shutdown (when Al179x junction temperature exceeds +160°C).
Thermal resistivity θja (Junction-to-
Ambient) of AL179x is +55°C/Watt. AL179x has to absorb any additional voltage headroom provided by the voltage input to the emitter strings.
Therefore, thermal management of AL179x must follow the following guidelines:
PDmax (Maximum Power Dissipation of AL179x) = (160ºC Junction Shutdown Temperature - Ambient Temperature, e.g. 85°C) /
55°C/W = 1.364Watts
PAmax (Power to be Absorbed by AL179x)
= Σ(VLEDx * Current through the emitter string * Associated PWM Dimming Duty
Cycle) for all channels
Thermal Management Guideline
PAmax < Pdmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com