Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7123 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7123
Description  10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7123 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7123 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
VE
LO
CIT
YT
M
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7123
10-Bit Transceiver for Fibre
Channel and Gigabit Ethernet
Page 8
G52212-0, Rev 4.3
03/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 6: REFCLK Timing Waveforms
Table 4: Reference Clock Requirements
Parameter
Description
Min
Max
Units
Conditions
FR
Frequency Range
98
136
MHz
Range over which both transmit and
receive reference clocks on any link may
be centered.
FO
Frequency Offset
-200
200
ppm
Maximum frequency offset between
transmit and receive reference clocks on
one link.
DC
REFCLK duty cycle
35
65
%
Measured at 1.5V
TR,TF
REFCLK rise and fall time
—
1.5
ns
Between VIL(MAX) and VIH(MIN)
REFCLK
VIL(MAX)
VIH(MIN)
TL
TH
TR
TF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com