Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7123 Datasheet(PDF) 18 Page - Vitesse Semiconductor Corporation

Part # VSC7123
Description  10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7123 Datasheet(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC7123 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7123 Datasheet HTML 18Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
VE
LO
CIT
YT
M
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7123
10-Bit Transceiver for Fibre
Channel and Gigabit Ethernet
Page 18
G52212-0, Rev 4.3
03/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Ordering Information
The part number for this product is formed by a combination of the device number and the package style.
Marking Information
The package is marked with three lines of text as shown in Figure 11 (QU package shown).
Figure 11: Package Marking Information
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. All information in this document, includ-
ing descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Noth-
ing contained in this document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be
available as described or will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.
VSC7123
xx
Device Type
Package
10-Bit Transceiver
QN: 64-Pin, 14x14mm PQFP
QU: 64-Pin, 10x10mm PQFP
RD: 64-Pin, 10x10mm TQFP
VITESSE
VSC7123QU
####AAAAA
Part Number
DateCode
Package Suffix
Lot Tracking Code (4 or 5 characters)
Pin 1 Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com