Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7210 Datasheet(PDF) 91 Page - Dialog Semiconductor

Part # DA7210
Description  Ultra-low power stereo codec
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7210 Datasheet(HTML) 91 Page - Dialog Semiconductor

Back Button DA7210 Datasheet HTML 87Page - Dialog Semiconductor DA7210 Datasheet HTML 88Page - Dialog Semiconductor DA7210 Datasheet HTML 89Page - Dialog Semiconductor DA7210 Datasheet HTML 90Page - Dialog Semiconductor DA7210 Datasheet HTML 91Page - Dialog Semiconductor DA7210 Datasheet HTML 92Page - Dialog Semiconductor DA7210 Datasheet HTML 93Page - Dialog Semiconductor DA7210 Datasheet HTML 94Page - Dialog Semiconductor DA7210 Datasheet HTML 95Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
DA7210
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3a
15-Oct-2015
CFR0011-120-00 Rev 5
91 of 113
© 2015 Dialog Semiconductor
Table 74: HP_L_VOL 0x21
Bit
Mode
Symbol
Description
Reset
7:6
R
Reserved
Reserved
00
5:0
R/W
HP_L_VOL
Head phone left channel volume control
000000
– 001111 = Reserved
010000 = mute (default)
010001 = -54 dB
010010 = -52.5 dB
… continuing in 1.5 dB steps through
110101 = 0 dB
to…
111111 = 15 dB
If you wish the right channel volume to be the same
as left channel, please refer to Table 76 (0x23
HP_CFG[5] STEREO_TRACK)
010000
Table 75: HP_R_VOL 0x22
Bit
Mode
Symbol
Description
Reset
7:6
R
Reserved
Reserved
00
5:0
R/W
HP_R_VOL
Head phone right channel volume control
000000
– 001111 = Reserved
010000 = mute (default)
010001 = -54 dB
010010 = -52.5 dB
… continuing in 1.5 dB steps through
110101 = 0 dB
to…
111111 = 15 dB
If you wish the right channel volume to be the same
as left channel, please refer to Table 76 (0x23
HP_CFG[5] STEREO_TRACK)
010000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com