Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7210 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA7210
Description  Ultra-low power stereo codec
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7210 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA7210 Datasheet HTML 9Page - Dialog Semiconductor DA7210 Datasheet HTML 10Page - Dialog Semiconductor DA7210 Datasheet HTML 11Page - Dialog Semiconductor DA7210 Datasheet HTML 12Page - Dialog Semiconductor DA7210 Datasheet HTML 13Page - Dialog Semiconductor DA7210 Datasheet HTML 14Page - Dialog Semiconductor DA7210 Datasheet HTML 15Page - Dialog Semiconductor DA7210 Datasheet HTML 16Page - Dialog Semiconductor DA7210 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
DA7210
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3a
15-Oct-2015
CFR0011-120-00 Rev 5
13 of 113
© 2015 Dialog Semiconductor
3.1
The 49-ball DA7210 device
On the DA7210, all supplies are accessible as external pins. The VDD pin is only required for
capacitive decoupling. If the LDO is not required to supply the digital core voltage, the VDD supply
should still be applied to the XVDD pin and the LDO should be disabled.
Pin
3G
Pin
1G
Pin
7A
Pin
5B
Pin
2A
Pin
2F
Pin
2G
LDO
VDDDIO
(1.2 to 3.6 V)
Digital Core
(1.2 to 2.5 V)
AVDD
(1.8 to 2.5 V)
VDDADC
(1.8 to 2.5 V)
VDDDAC
(1.5 to 2.5 V)
VDDCP
(1.8 to 2.5 V)
VDDDIO
XVDDD
AVDD
VDDADC
VDDDAC
VDDCP
VDD
Figure 3: DA7210 power supply topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com