Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7210 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA7210
Description  Ultra-low power stereo codec
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7210 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA7210 Datasheet HTML 17Page - Dialog Semiconductor DA7210 Datasheet HTML 18Page - Dialog Semiconductor DA7210 Datasheet HTML 19Page - Dialog Semiconductor DA7210 Datasheet HTML 20Page - Dialog Semiconductor DA7210 Datasheet HTML 21Page - Dialog Semiconductor DA7210 Datasheet HTML 22Page - Dialog Semiconductor DA7210 Datasheet HTML 23Page - Dialog Semiconductor DA7210 Datasheet HTML 24Page - Dialog Semiconductor DA7210 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
DA7210
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3a
15-Oct-2015
CFR0011-120-00 Rev 5
21 of 113
© 2015 Dialog Semiconductor
Table 13: Electrical characteristics: Headphone amplifier
(HPL, HPR)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMAX
Full-scale Output Signal
No load
1.6*VDD
CP
VPP
DC output offset
100
µV
PMAX
Output Power per channel
VDDCP = 1.8 V, THD <
0.1%, RL=16 Ω 1 kHz
28
mWRMS
VDDCP = 2.5 V, THD <
0.1%, RL=16 Ω 1 kHz
58
mWRMS
Dynamic internal supply
voltages
VDD/3 or VDD/4 can
optionally be selected if two
flying caps are available
±VDD
±VDD/2
(±VDD/3
(±VDD/4)
IQ
Quiescent current per
channel
from VDDCP
100
uA
Load Impedance
13 < RL < 
13
16
400
500
µH
pF
Frequency Response
+/- 0.5 dB
20
20k
Amplitude Ripple
20 Hz
– 20 kHz
-0.5
0.5
dB
Programmable Gain
-54
15
dB
Mute Attenuation
100
dB
Programmable Gain Step
Size
1.5
dB
Absolute Gain Accuracy
0 dB @ 1 kHz
-0.8
0.8
dB
Input Gain L/R-Mismatch
20 Hz
– 20 kHz
-0.1
0.1
dB
Input Gain Step Error
20 Hz
– 20 kHz
-0.1
0.1
dB
SNR
Signal to Noise Ratio
A weighting, gain = 0 dB
100
dB
VNOISE
Output Noise Level
20 to 20 kHz, unweighted,
gain < -15 dB
<4.5
µVrms
THD+N
Total Harmonic Distortion
Plus Noise
VDDCP = 1.8 V, -5 dBFS,
RL=16 Ω
-80
dB
PSRR with
respect to
AVDD
Power Supply Rejection
Ratio
20 Hz - 2 kHz
2 kHz - 20 kHz
70
50
dB
Output power per channel
VDDCP=2.5 V, THD<1%,
RL=16 Ω, 1 kHz
72
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com