Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1086Z Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1086Z
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086Z Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1086Z Datasheet HTML 1Page - Dallas Semiconductor DS1086Z Datasheet HTML 2Page - Dallas Semiconductor DS1086Z Datasheet HTML 3Page - Dallas Semiconductor DS1086Z Datasheet HTML 4Page - Dallas Semiconductor DS1086Z Datasheet HTML 5Page - Dallas Semiconductor DS1086Z Datasheet HTML 6Page - Dallas Semiconductor DS1086Z Datasheet HTML 7Page - Dallas Semiconductor DS1086Z Datasheet HTML 8Page - Dallas Semiconductor DS1086Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The DS1086 EconOscillator™ is a programmable clock
generator that produces a spread-spectrum (dithered)
square-wave output of frequencies from 260kHz to
133MHz. The selectable dithered output reduces radi-
ated-emission peaks by dithering the frequency 2% or
4% below the programmed frequency. The DS1086 has
a power-down mode and an output-enable control for
power-sensitive applications. All the device settings are
stored in nonvolatile (NV) EEPROM memory allowing it
to operate in stand-alone applications.
Applications
Printers
Copiers
PCs
Computer Peripherals
Cell Phones
Cable Modems
Features
♦ User-Programmable Square-Wave Generator
♦ Frequencies Programmable from 260kHz to
133MHz
♦ 2% or 4% Selectable Dithered Output
♦ Glitchless Output-Enable Control
♦ 2-Wire Serial Interface
♦ Nonvolatile Settings
♦ 5V Supply
♦ No External Timing Components Required
♦ Power-Down Mode
♦ 10kHz Master Frequency Step Size
♦ EMI Reduction
DS1086 Spread-Spectrum EconOscillator
______________________________________________ Maxim Integrated Products
1
PDN
OE
GND
1
2
8
7
SCL
SDA
SPRD
VCC
OUT
µSOP/SO
TOP VIEW
3
4
6
5
DS1086
Pin Configuration
Ordering Information
DS1086
XTL1/OSC1
MICRO-
PROCESSOR
XTL2/OSC2
DITHERED 260kHz TO
133MHz OUTPUT
DECOUPLING CAPACITORS
(0.1
µF and 0.01µF)
*SDA AND SCL CAN BE CONNECTED DIRECTLY HIGH IF THE DS1086 NEVER NEEDS
TO BE PROGRAMMED IN-CIRCUIT, INCLUDING DURING PRODUCTION TESTING.
SPRD
OUT
VCC
VCC
VCC
GND
N.C.
SCL*
SDA*
PDN
OE
Typical Operating Circuit
Rev 1; 9/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*
Future Product
PART
PIN-PACKAGE
DS1086U*
8
µSOP (118mil)
DS1086Z
8 SO (150mil)
EconOscillator is a trademark of Dallas Semiconductor.


Similar Part No. - DS1086Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086Z MAXIM-DS1086Z Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086Z+ MAXIM-DS1086Z+ Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
More results

Similar Description - DS1086Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
Multiphase Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com