Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7172 Datasheet(PDF) 7 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 7 Page - Copal Electronics

Back Button DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics DP7172 Datasheet HTML 10Page - Copal Electronics DP7172 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DP7172
7
TYPICAL CHARACTERISTICS
Figure 10. Wiper s Transition from Position
0xFF to Position 0x00 Relative to the CS
Disable, VCC =5V
Figure 11. Standby Current
VCC (V)
W
CS
6
5
4
3
2
100
150
200
250
300
350
400
R
R
S
P
.
3
1
e
r
u
g
i
F
)
0
8
x
0
p
a
T
(
h
t
d
i
w
d
n
a
B
.
s
v
n
i
a
G
.
2
1
e
r
u
g
i
F
)
z
H
K
(
f
)
z
H
K
(
f
1000
100
10
1
36
30
24
18
12
6
0
1000
100
10
1
0
5
10
15
20
25
30
T = 45 C
T=25 C
T=90 C
VCC =5V
VCC =3V
VCC =5V
VCC =3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com