Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7172 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 1 Page - Copal Electronics

  DP7172 Datasheet HTML 1Page - Copal Electronics DP7172 Datasheet HTML 2Page - Copal Electronics DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2009 NIDEC COPAL ELECTRONICS CORP.
May, 2009
Rev. 0
1
Publication Order Number:
DP7172/D
DP7172
256-Position SPI
Compatible Digital
Potentiometer
The DP7172 is a
d
Like
DP7172
has a
VCC
e
W
SPI
e
he wi e assu
s a
d
a
d
is
The DP7172
V
V
2
e
DP7172
Features
256
d
k
SPI
e
es
ids
e
V
V
T
f
C
IDD 2 A
Wide
e
T
e
e 4 C
+85 C
S
T 23 8
e
This is a P
e
Typical Applications
T
T
Of
PIN CONNECTIONS
SDI
CS
B
A
CLK
GND
VDD
W
1
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
SOT23 8
TB SUFFIX
CASE 527AK
AD = 50 k
AE = 100 k
Y = Production Year
Y= (Last Digit)
M = Production Month
M= (1
9, A, B, C)
ADYM
MARKING DIAGRAM
1
AEYM
1


Similar Part No. - DP7172

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
32-Tap Digital Potentiometers
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
100-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
More results

Similar Description - DP7172

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162 AD-AD5162 Datasheet
960Kb / 20P
Dual 256-Position SPI Digital Potentiometer
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com