Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP7172 Datasheet(PDF) 5 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 5 Page - Copal Electronics

  DP7172 Datasheet HTML 1Page - Copal Electronics DP7172 Datasheet HTML 2Page - Copal Electronics DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DP7172
5
SPI Interface
Table 6. DP7172 SERIAL DAT
WORD FORMAT
B7
B6
B5
B4
B3
B2
B1
B0
D7
MSB
27
D6
D5
D4
D3
D2
D1
D0
LSB
20
Figure 2. DP7172 SPI Interface Timing Diagram (V A =5V, VB =0V, VW =VOUT)
DATA IN
CS
CLK
SDI
V1
V2
VOUT
12
3
4
5
6
7
8
D7 D6 D5 D4 D3 D2 D1 D0
SDI
CLK
VOUT
1
0
1
0
1
0
(DATA IN)
Dx
Dx
Figure 3. SPI Interface Detailed Timing Diagram (VA =5V, VB =0V,VW =VOUT)
VW0
VW
tS
1 LSB
tCSW
CS
tCS1
tCSS
tCSHO
tDS
tDH
tCH
tCL
tCSH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com