Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8080EM Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE8080EM Datasheet HTML 1Page - Infineon Technologies AG TLE8080EM Datasheet HTML 2Page - Infineon Technologies AG TLE8080EM Datasheet HTML 3Page - Infineon Technologies AG TLE8080EM Datasheet HTML 4Page - Infineon Technologies AG TLE8080EM Datasheet HTML 5Page - Infineon Technologies AG TLE8080EM Datasheet HTML 6Page - Infineon Technologies AG TLE8080EM Datasheet HTML 7Page - Infineon Technologies AG TLE8080EM Datasheet HTML 8Page - Infineon Technologies AG TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
PG-SSOP24
Type
Package
Marking
TLE8080EM
PG-SSOP24
TLE8080EM
TLE8080-2EM
PG-SSOP24
TLE8080-2EM
Data Sheet
3
Rev. 1.1, 2012-10-19
Engine Management IC for Small Engines
TLE8080EM
1Overview
Features
•
Supply 5V (+/-2%), 250mA
•
K-line transceiver (ISO 9141)
•
Serial Peripheral Interface (SPI)
•
4 low side driver for inductive loads with overtemperature and
overcurrent protection and open load/short to GND in off diagnosis:
– 2 low side switches with maximum operation of 2.6A
– 2 low side switches with maximum operation of 350mA
•
1 low side driver for resistive loads with maximum operation current
of 3A including overtemperature and overcurrent protection
•
Configurable variable reluctance sensor interface
•
Reset output and 5V undervoltage detection
•
Watchdog
•
Green product (RoHS compliant)
•
AEC qualified
Description
The TLE8080EM is an engine management IC based on Infineon Smart Power Technology (SPT). It is protected
by embedded protection functions and integrates a power supply, K-line, SPI, variable reluctance sensor interface
and power stages to drive different loads in an engine management system. It provides a compact and cost
optimized solution for engine management systems. It is very suitable for one cylinder motorcycle engine
management systems.
TLE8080-2EM
This version differs from the main version in the parameters “V5DD Reset Threshold for TLE8080-2EM” and
“Power On Reset Delay Time” in Chapter 5.4.
For ordering conditions please contact the nearest Infineon Technologies office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com