Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8080EM Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8080EM Datasheet HTML 1Page - Infineon Technologies AG TLE8080EM Datasheet HTML 2Page - Infineon Technologies AG TLE8080EM Datasheet HTML 3Page - Infineon Technologies AG TLE8080EM Datasheet HTML 4Page - Infineon Technologies AG TLE8080EM Datasheet HTML 5Page - Infineon Technologies AG TLE8080EM Datasheet HTML 6Page - Infineon Technologies AG TLE8080EM Datasheet HTML 7Page - Infineon Technologies AG TLE8080EM Datasheet HTML 8Page - Infineon Technologies AG TLE8080EM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TLE8080EM
Pin Configuration
Data Sheet
5
Rev. 1.1, 2012-10-19
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1KIO
K-Line Bus Connection
2VS
Battery Voltage: Block to AGND directly at the IC with min. 100nF ceramic
capacitor
3OUT5
Output Channel 5
4OUT4
Output Channel 4
5OUT3
Output Channel 3
6PGND
Power Ground: internally connected to pin 9, connect externally to pin 9
7OUT2
Output Channel 2
8OUT1
Output Channel 1
9PGND
Power Ground: internally connected to pin 6, connect externally to pin 6
10
VR_IN1
VR Sensor Interface Input 1
11
VR_IN2
VR Sensor Interface Input 2
12
WD_DIS
Watchdog Disable: high active; internal pull down
13
VR_OUT
VR Sensor Output
14
SO
SPI Slave Output: high impedance
15
SI
SPI Slave Input: internal pull down
16
SCLK
SPI Clock Input: internal pull down
17
CSN
SPI Chip Select Input: low active; internal pull up
Pg-ssop-24.vsd
TX
RX
KIO
CSN
SCLK
SI
SO
V5DD
NRO
WD_DIS
VR_OUT
OUT4
OUT3
VR_IN1
VR_IN2
IN3
IN1
OUT1
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
AGND
VS
14
13
11
12
PGND
OUT2
PGND
OUT5
25
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com