Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8080EM Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE8080EM
Description  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080EM Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE8080EM Datasheet HTML 11Page - Infineon Technologies AG TLE8080EM Datasheet HTML 12Page - Infineon Technologies AG TLE8080EM Datasheet HTML 13Page - Infineon Technologies AG TLE8080EM Datasheet HTML 14Page - Infineon Technologies AG TLE8080EM Datasheet HTML 15Page - Infineon Technologies AG TLE8080EM Datasheet HTML 16Page - Infineon Technologies AG TLE8080EM Datasheet HTML 17Page - Infineon Technologies AG TLE8080EM Datasheet HTML 18Page - Infineon Technologies AG TLE8080EM Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TLE8080EM
Power Stages
Data Sheet
15
Rev. 1.1, 2012-10-19
In overcurrent condition the affected channel will be switched off. There are two different implementations for
switching on again after an over current event.
For channels 1, 3, 4 and 5 the switch off state is latched. The input pins IN1, IN3 must be set to low to reset the
latch before the channel can be switched on again.
For channels 4 and 5 the over current status is reset with a write command to the CMD register. The switching
state is according to the status of bit 1 and 2.
Channel 2 will be switched off and after
t
oc_off = 5ms typically the channel will be switched on again automatically.
The result is repetitive switching with a fixed off time of
t
oc,off. The overcurrent status of channel 2 is internally
latched. For releasing the over current diagnosis bit after over current condition, channel 2 must stay switched on
for at least toc,St.
The bits 0 to 4 in the Stat register reflect the actual switching status of the channels.
For detailed description see Chapter 8.2.2.
All the channels are protected from over temperature. In an overtemperature situation the affected channel will be
switched off. The channel will restart operation if the junction temperature decreases by thermal shutdown
hysteresis
T
OT,Hys. Channels 4 and 5 are using a common temperature sensor. Therefore, the two channels are
switched together during over temperature.
For channels 1, 3, 4 and 5 an open load/short to GND in off detection with a pull down current source (active in
off) and a comparator is implemented. In case of switch off and the output voltage is below the open load detection
threshold (Voutx < Vol,th), the open load in off timer is started. After the open load in off delay time tol,d , the open
load is detected (timing see Figure 9 and Figure 10).
The diagnosis status of the channels is monitored in the SPI Diagnosis Register DIAG (see Chapter 8.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com