Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C2M32S Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS4C2M32S
Description  AS4C2M32S
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32S Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS4C2M32S Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
AS4C2M32S
Confidential
4
Rev. 3.0
Dec. /2012
Pin Descriptions
Table 1. Pin Details
Symbol Type Description
CLK
Input Clock: CLK is driven by the system clock. All SDRAM input signals are sampled on the positive
edge of CLK. CLK also increments the internal burst counter and controls the output registers.
CKE
Input Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CLK signal. If CKE goes low
synchronously with clock (set-up and hold time same as other inputs), the internal clock is
suspended from the next clock cycle and the state of output and burst address is frozen as long
as the CKE remains low. When all banks are in the idle state, deactivating the clock controls
the entry to the Power Down and Self Refresh modes. CKE is synchronous except after the
device enters Power Down and Self Refresh modes, where CKE becomes asynchronous until
exiting the same mode. The input buffers, including CLK, are disabled during Power Down and
Self Refresh modes, providing low standby power.
BA0,
BA1
Input Bank Activate: BA0 and BA1 define to which bank the BankActivate, Read, Write, or
BankPrecharge command is being applied. The bank address BA0 and BA1 is used latched in
mode register set.
A0-A10 Input Address Inputs: A0-A10 are sampled during the BankActivate command (row address A0-
A10) and Read/Write command (column address A0-A7 with A10 defining Auto Precharge) to
select one location out of the 512K available in the respective bank. During a Precharge
command, A10 is sampled to determine if all banks are to be precharged (A10 = HIGH). The
address inputs also provide the op-code during a Mode Register Set or Special Mode Register
Set command.
CS#
Input Chip Select: CS# enables (sampled LOW) and disables (sampled HIGH) the command
decoder. All commands are masked when CS# is sampled HIGH. CS# provides for external
bank selection on systems with multiple banks. It is considered part of the command code.
RAS#
Input Row Address Strobe: The RAS# signal defines the operation commands in conjunction with
the CAS# and WE# signals and is latched at the positive edges of CLK. When RAS# and CS#
are asserted "LOW" and CAS# is asserted "HIGH," either the BankActivate command or the
Precharge command is selected by the WE# signal. When the WE# is asserted "HIGH," the
BankActivate command is selected and the bank designated by BA is turned on to the active
state. When the WE# is asserted "LOW," the Precharge command is selected and the bank
designated by BA is switched to the idle state after the precharge operation.
CAS#
Input Column Address Strobe: The CAS# signal defines the operation commands in conjunction
with the RAS# and WE# signals and is latched at the positive edges of CLK. When RAS# is
held "HIGH" and CS# is asserted "LOW," the column access is started by asserting CAS#
"LOW." Then, the Read or Write command is selected by asserting WE# "LOW" or "HIGH."
WE#
Input Write Enable: The WE# signal defines the operation commands in conjunction with the RAS#
and CAS# signals and is latched at the positive edges of CLK. The WE# input is used to select
the BankActivate or Precharge command and Read or Write command.
DQM0 -
DQM3
Input Data Input/Output Mask: Data Input Mask: DQM0-DQM3 are byte specific. Input data is
masked when DQM is sampled HIGH during a write cycle. DQM3 masks DQ31-DQ24, DQM2
masks DQ23-DQ16, DQM1 masks DQ15-DQ8, and DQM0 masks DQ7-DQ0.
DQ0-
DQ31
Input/
Output
Data I/O: The DQ0-31 input and output data are synchronized with the positive edges of CLK.
The I/Os are byte-maskable during Reads and Writes.
NC
-
No Connect: These pins should be left unconnected.
VDDQ Supply DQ Power: Provide isolated power to DQs for improved noise immunity.
VSSQ Supply DQ Ground: Provide isolated ground to DQs for improved noise immunity.
VDD
Supply Power Supply: +3.3V
0.3V
VSS
Supply Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com