| Electronic Components Datasheet Search |
|
AS4C2M32S Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C2M32S Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation |
|
9 / 53 page ![]() AS4C2M32S Confidential 9 Rev. 3.0 Dec. /2012 Figure 9. Read to Precharge (CAS# Latency = 2, 3) CLK T0 T1 ADDRESS T2 T3 T4 T5 T6 T7 T8 CAS# latency=2 tCK2, DQ CAS# latency=3 tCK3, DQ COMMAND tRP NOP NOP Precharge NOP Bank(s) NOP NOP READ A Bank, Col A DOUT A0 DOUT A1 DOUT A3 DOUT A2 DOUT A2 DOUT A1 DOUT A0 DOUT A3 Bank Row Activate NOP Don’t Care 5 Read and AutoPrecharge command (RAS# = "H", CAS# = "L", WE# = "H", BAs = Bank, A10 = "H", A0-A7 = Column Address) The Read and AutoPrecharge command automatically performs the precharge operation after the read operation. Once this command is given, any subsequent command cannot occur within a time delay of {tRP(min.) + burst length}. At full-page burst, only the read operation is performed in this command and the auto precharge function is ignored. 6 Write command (RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "L", A0-A7 = Column Address) The Write command is used to write a burst of data on consecutive clock cycles from an active row in an active bank. The bank must be active for at least tRCD (min.) before the Write command is issued. During write bursts, the first valid data-in element will be registered coincident with the Write command. Subsequent data elements will be registered on each successive positive clock edge (refer to the following figure). The DQs remain with high-impedance at the end of the burst unless another command is initiated. The burst length and burst sequence are determined by the mode register, which is already programmed. A full-page burst will continue until terminated (at the end of the page it will wrap to column 0 and continue). Figure 10. Burst Write Operation (Burst Length = 4) CLK DQ T0 T1 T2 T3 T4 T5 T6 DIN A0 DIN A1 DIN A2 DIN A3 T7 T8 COMMAND NOP WRITE A NOP NOP NOP NOP NOP NOP NOP The first data element and the write are registered on the same clock edge Don’t Care A write burst without the auto precharge function may be interrupted by a subsequent Write, BankPrecharge/PrechargeAll, or Read command before the end of the burst length. An interrupt coming from Write command can occur on any clock cycle following the previous Write command (refer to the following figure). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |