Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4M16SA Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4C4M16SA
Description  Synchronous DRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16SA Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4C4M16SA Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
AS4C4M16SA - Automotive
Confidential
5
Rev. 1.0-63nm Mar. /2014
LDQM,
UDQM
Input
Data Input/Output Mask: Controls output buffers in read mode and masks
Input data in write mode.
DQ0-DQ15
Input /
Output
Data I/O: The DQ0-15 input and output data are synchronized with the positive
edges of CLK. The I/Os are maskable during Reads and Writes.
NC/RFU
-
No Connect: These pins should be left unconnected.
VDDQ
Supply
DQ Power: Provide isolated power to DQs for improved noise immunity.
( 3.3V
 0.3V )
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
( 0 V )
VDD
Supply
Power Supply: +3.3V
 0.3V
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com