Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4M16SA Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS4C4M16SA
Description  Synchronous DRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16SA Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS4C4M16SA Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16SA Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
AS4C4M16SA-Automotive
Confidential
1
Rev. 1.0-63nm
Mar. /2014
64M – (4M x 16 bit) Synchronous DRAM (SDRAM)
Confidential
Advanced (Rev. 1.0- 63nm, Mar. /2014)
Features
 Fast access time from clock: 5.4 ns
 Fast clock rate: 166 MHz
 Fully synchronous operation
 AEC-Q100 Compliant
 Internal pipelined architecture
 1M word x 16-bit x 4-bank
 Programmable Mode registers
- CAS Latency: 2 or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential or Interleaved
- Burst stop function
- Optional drive strength control
 Auto Refresh and Self Refresh
 4096 refresh cycles/32ms
 Automotive Ambient Temperature: -40~105°C
 CKE power down mode
 Single +3.3V  0.3V power supply
 Interface: LVTTL
 54-pin 400 mil plastic TSOP II package
 54-ball 8.0 x 8.0 x 1.2mm (max) FBGA package
- All parts ROHS Compliant
Overview
The 64Mb SDRAM is a high-speed CMOS
synchronous DRAM containing 64 Mbits. It is internally
configured as 4 Banks of 1M word x 16 DRAM with a
synchronous interface (all signals are registered on
the positive edge of the clock signal, CLK). Read and
write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for
a programmed number of locations in a programmed
sequence. Accesses begin with the registration of a
Bank Activate command which is then followed by a
Read or Write command.
The SDRAM provides for programmable Read or
Write burst lengths of 1, 2, 4, 8, or full page, with a
burst termination option. An auto precharge function
may be enabled to provide a self-timed row precharge
that is initiated at the end of the burst sequence. The
refresh functions, either Auto or Self Refresh are easy
to use. By having a programmable mode register, the
system can choose the most suitable modes to
maximize its performance. These devices are well
suited
for
applications
requiring
high memory
bandwidth and particularly well suited to high
performance PC applications.
Table 1. Key Specifications
AS4C4M16SA
-6
tCK3
Clock Cycle time(min.)
6 ns
tAC3
Access time from CLK (max.)
5.4 ns
tRAS
Row Active time(min.)
42ns
tRC
Row Cycle time(min.)
60ns
Table 2.Ordering Information
Part Number
Frequency
Package
Temperature
Temp Range
AS4C4M16SA-6BAN
166MHz
54-Ball FBGA
Industrial
-40 ~ 105°C
AS4C4M16SA-6TAN
166MHz
54-Pin TSOPII
Industrial
-40 ~ 105°C
B: indicates FBGA package T: indicates TSOP II package
N: indicates Pb and Halogen Free


Similar Part No. - AS4C4M16SA

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16SA-6BAN ALSC-AS4C4M16SA-6BAN Datasheet
1Mb / 54P
Fully synchronous operation
AS4C4M16SA-6BIN ALSC-AS4C4M16SA-6BIN Datasheet
1Mb / 55P
Fully synchronous operation
AS4C4M16SA-6TAN ALSC-AS4C4M16SA-6TAN Datasheet
1Mb / 54P
Fully synchronous operation
AS4C4M16SA-6TCN ALSC-AS4C4M16SA-6TCN Datasheet
1Mb / 55P
Fully synchronous operation
AS4C4M16SA-6TIN ALSC-AS4C4M16SA-6TIN Datasheet
1Mb / 55P
Fully synchronous operation
More results

Similar Description - AS4C4M16SA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com