Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M16D3 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C64M16D3
Description  AS4C64M16D3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16D3 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C64M16D3 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
AS4C64M16D3
Confidential
2
Rev. 3.0
Aug. /2014
Features
 JEDEC Standard Compliant
 Power supplies: VDD & VDDQ = +1.5V  0.075V
 Operating temperature:
- Commercial (0 ~ 95°C)
- Industrial (-40 ~ 95°C)
 Supports JEDEC clock jitter specification
 Fully synchronous operation
 Fast clock rate: 800MHz
 Differential Clock, CK & CK#
 Bidirectional differential data strobe
- DQS & DQS#
 8 internal banks for concurrent operation
 8n-bit prefetch architecture
 Internal pipeline architecture
 Precharge & active power down
 Programmable Mode & Extended Mode registers
 Additive Latency (AL): 0, CL-1, CL-2
 Programmable Burst lengths: 4, 8
 Burst type: Sequential / Interleave
 Output Driver Impedance Control
 8192 refresh cycles / 64ms
- Average refresh period
7.8μs @ -40
℃ ≦TC≦ +85℃
3.9μs @ +85
℃ <TC≦ +95℃
 Write Leveling
 OCD Calibration
 Dynamic ODT (Rtt_Nom & Rtt_WR)
 RoHS compliant
 Auto Refresh and Self Refresh
 96-ball 9 x 13 x 1.2mm FBGA package
- All parts are ROHS Compliant
Overview
The 1Gb Double-Data-Rate-3 DRAMs is double data
rate architecture to achieve high-speed operation. It is
internally configured as an eight bank DRAM.
The 1Gb chip is organized as 8Mbit x 16 I/Os x 8
bank devices. These synchronous devices achieve high
speed double-data-rate transfer rates of up to 1600
Mb/sec/pin for general applications.
The chip is designed to comply with all key DDR3
DRAM key features and all of the control and address
inputs are synchronized with a pair of externally
supplied differential clocks. Inputs are latched at the
cross point of differential clocks (CK rising and CK#
falling). All I/Os are synchronized with differential DQS
pair in a source synchronous fashion.
These devices operate with a single 1.5V ± 0.075V
power supply and are available in BGA packages.
Table 1. Speed Grade Information
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR3-1600
800MHz
11
13.75
13.75
Table 2 – Ordering Information for ROHS Compliant Products
Product part No
Org
Temperature
Package
AS4C64M16D3-12BCN
64M x 16
Commercial(Extended)
0°C to 95°C
96-ball FBGA
AS4C64M16D3-12BIN
64M x 16
Industrial
-40°C to 95°C
96-ball FBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com