Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M16D3 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C64M16D3
Description  AS4C64M16D3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16D3 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C64M16D3 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
AS4C64M16D3
Confidential
7
Rev. 3.0
Aug. /2014
LDM,
UDM
Input
Data Input Mask: Input data is masked when DM is sampled HIGH during a write cycle.
LDM masks DQ0-DQ7, UDM masks DQ8-DQ15.
DQ0 - DQ15
Input /
Output
Data I/O: The DQ0-DQ15 input and output data are synchronized with positive and
negative edges of DQS and DQS#. The I/Os are byte-maskable during Writes.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to
the DDR3 SDRAM. When enabled, ODT is applied to each DQ, DQS, DQS#. The ODT
pin will be ignored if Mode-registers, MR1and MR2, are programmed to disable RTT.
RESET#
Input
Active Low Asynchronous Reset: Reset is active when RESET# is LOW, and inactive
when RESET# is HIGH. RESET# must be HIGH during normal operation. RESET# is a
CMOS rail to rail signal with DC high and low at 80% and 20% of VDD
VDD
Supply Power Supply: +1.5V
0.075V
VSS
Supply Ground
VDDQ
Supply DQ Power: +1.5V
0.075V.
VSSQ
Supply DQ Ground
VREFCA
Supply Reference voltage for CA
VREFDQ
Supply Reference voltage for DQ
ZQ
Supply Reference pin for ZQ calibration.
NC
-
No Connect: These pins should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com