Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M16D3 Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C64M16D3
Description  AS4C64M16D3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16D3 Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C64M16D3 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M16D3 Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
AS4C64M16D3
Confidential
21
Rev. 3.0
Aug. /2014
Table 9. Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Unit
Note
VDD
Voltage on VDD pin relative to Vss
-0.4 ~ 1.8
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
-0.4 ~ 1.8
V
1,3
VIN, VOUT
Voltage on any pin relative to Vss
-0.4 ~ 1.8
V
1
TSTG
Storage temperature
- 55~100
°C
1,2
NOTE1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE2: Storage Temperature is the case surface temperature on the center/top side of the DRAM.
NOTE3: VDD and VDDQ must be within 300mV of each other at all times; and Vref must be not greater than 0.6VDDQ,
when VDD and VDDQ are less than 500mV; Vref may be equal to or less than 300mV.
Table 10. Temperature Range
Symbol
Parameter
Rating
Unit
Note
TOPER
Normal Operating Temperature Range
0~85
°C
1-2
Extended Temperature Range
85~95
°C
1-3
Industrial Temperature Range
-40~95
°C
1-4
NOTE1: Operating temperature is the case surface temperature on center/top of the DRAM.
NOTE2: The operating temperature range is the temperature where all DRAM specification will be supported.
Outside of this temperature range, even if it is still within the limit of stress condition, some deviation on portion of
operating specification may be required. During operation, the DRAM case temperature must be maintained
between 0-85 ° C under all other specification parameter. Supporting 0 - 85 °C with full JEDEC AC & DC
specifications.
NOTE3: Some applications require operation of the DRAM in the Extended Temperature Range between 85 °C and 95 °C
case temperature. Full specifications are guaranteed in this range, but the following additional apply.
a) Refresh commands must be doubled in frequency, therefore, reducing the Refresh interval tREFI to 3.9us. It is
also possible to specify a component with 1x refresh (tREFI to 7.8us) in the Extended Temperature Range.
b) If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use the
Manual Self-Refresh mode with Extended Temperature Range capability (MR2 A6=0 and MR2 A7=1) or enable
the optional Auto Self-Refresh mode (MR2 A6=1 and MR2 A7=0).
NOTE4: During Industrial Temperature Operation Range, the DRAM case temperature must be maintained between
-40°C~95°C under all operating Conditions.
Table 11. Recommended DC Operating Conditions
Symbol
Parameter
Operation
Voltage
Rating
Units
Note
Min.
Typ.
Max
VDD
Supply Voltage
1.35V
1.283
1.35
1.45
V
1,2,3
1.5V
1.425
1.5
1.575
V
1,2,3
VDDQ
Supply Voltage for Output
1.35V
1.283
1.35
1.45
V
1,2,3
1.5V
1.425
1.5
1.575
V
1,2,3
NOTES:
1. Under all conditions VDDQ must be less than or equal to VDD
2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
3. VDD & VDDQ rating are determined by operation voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com