Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB211 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  Qualified for Automotive Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB211 Datasheet HTML 13Page - Texas Instruments TUSB211 Datasheet HTML 14Page - Texas Instruments TUSB211 Datasheet HTML 15Page - Texas Instruments TUSB211 Datasheet HTML 16Page - Texas Instruments TUSB211 Datasheet HTML 17Page - Texas Instruments TUSB211 Datasheet HTML 18Page - Texas Instruments TUSB211 Datasheet HTML 19Page - Texas Instruments TUSB211 Datasheet HTML 20Page - Texas Instruments TUSB211 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.4 MAX
2X 1.2
2X
0.4
6X 0.4
8X 0.35
0.25
12X 0.20
0.15
4X 0.55
0.45
0.05
0.00
B
1.65
1.55
A
1.65
1.55
(0.13)
TYP
X2QFN - 0.4 mm max height
RWB0012A
PLASTIC QUAD FLATPACK - NO LEAD
4221631/A 12/2014
PIN 1 INDEX AREA
SEATING PLANE
0.05 C
1
2
3
12
0.07
C B
A
0.05
C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
6
7
8
9
SYMM
SYMM
SCALE 6.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com