Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  Qualified for Automotive Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB211 Datasheet HTML 1Page - Texas Instruments TUSB211 Datasheet HTML 2Page - Texas Instruments TUSB211 Datasheet HTML 3Page - Texas Instruments TUSB211 Datasheet HTML 4Page - Texas Instruments TUSB211 Datasheet HTML 5Page - Texas Instruments TUSB211 Datasheet HTML 6Page - Texas Instruments TUSB211 Datasheet HTML 7Page - Texas Instruments TUSB211 Datasheet HTML 8Page - Texas Instruments TUSB211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
D2P
D2M
D1P
D1M
RSTN
ENA_HS
TEST
CD
VCC
GND
EQ
VREG
Programmable Logic
Device
[Optional]
TUSB211
3.3V
DP
DM
GND
VBUS
5V
USB Host Implementation
HS
TX
USB Transceiver
HS
RX
Host
Controller
TUSB211
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB211, TUSB211I, TUSB211-Q1
SLLSEO0C – MAY 2015 – REVISED JUNE 2016
TUSB211 USB 2.0 High Speed Signal Conditioner
1
1 Features
1
•
Qualified for Automotive Applications
•
Compatible with USB 2.0, OTG 2.0 and BC 1.2
•
Support for LS, FS, HS signaling
•
Active Power Consumption of 55 mW (Typical)
with 3.3-V Single Supply
•
Selectable Signal Gain Via External Pulldown
Resistor
•
Does Not Break DP, DM Trace
•
Scalable Solution – Daisy Chain Device for High
Loss Applications
•
Compact 1.6 mm x 1.6 mm QFN Package
2 Applications
•
Automotive Infotainment
•
Notebooks
•
Desktops
•
Docking Stations
•
Cell Phones
•
Active Cable, Cable Extenders
•
Backplane
•
Televisions
•
Tablets
3 Description
The TUSB211 is a USB High-Speed (HS) signal
conditioner, designed to compensate for ISI signal
loss in a transmission channel.
The device has a patent-pending design which is
agnostic to USB Low Speed (LS) and Full Speed
(FS) signals. LS and FS signal characteristics are
unaffected
by
the
TUSB211.
HS
signals
are
compensated.
Programmable signal gain permits fine tuning device
performance to optimize High Speed signals at the
connector. This helps to pass USB High Speed
electrical compliance tests.
The footprint of TUSB211 does not break the
continuity of the DP/DM signal path. This permits risk
free system design of a complete USB channel.
In addition, TUSB211 is compatible with the USB On-
The-Go (OTG) and Battery Charging (BC) protocols
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB211
X2QFN (12)
1.60 mm x 1.60 mm
TUSB211I
TUSB211-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - TUSB211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB211 TI-TUSB211 Datasheet
4Mb / 31P
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB211 TI2-TUSB211 Datasheet
595Kb / 20P
TUSB211 USB 2.0 High Speed Signal Conditioner
REVISED OCTOBER 2017
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI1-TUSB211A Datasheet
2Mb / 24P
TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
FEBRUARY 2024
More results

Similar Description - TUSB211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC04AQPWRQ1 TI-SN74LVC04AQPWRQ1 Datasheet
760Kb / 12P
Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
Qualified for automotive applications
SMD0507-2 PETERMANN-SMD0507-2_15 Datasheet
518Kb / 4P
Qualified for automotive applications
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
Qualified for automotive applications
logo
Texas Instruments
TPS3306-15QDRG4Q1 TI1-TPS3306-15QDRG4Q1 Datasheet
815Kb / 16P
Qualified for Automotive Applications
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1_15 Datasheet
796Kb / 13P
Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
Qualified for Automotive Applications
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
Qualified for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com