Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533W Datasheet(PDF) 16 Page - ams AG

Part # AS2533W
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533W Datasheet(HTML) 16 Page - ams AG

Back Button AS2533W Datasheet HTML 12Page - ams AG AS2533W Datasheet HTML 13Page - ams AG AS2533W Datasheet HTML 14Page - ams AG AS2533W Datasheet HTML 15Page - ams AG AS2533W Datasheet HTML 16Page - ams AG AS2533W Datasheet HTML 17Page - ams AG AS2533W Datasheet HTML 18Page - ams AG AS2533W Datasheet HTML 19Page - ams AG AS2533W Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 15 of 25
AC Characteristics (I LINE = 15 mA; f = 800 Hz unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tx
Transmit
Test Circuit Figure 9
ATX
Gain, Transmit
M1/M2 to LI
35.1
36.6
38.1
dB
∆ATX/F
Variation with Frequency
f = 500 Hz to 3.4 kHz
±0.8
dB
THD
Distortion
VLI < 0.25VRMS
2
%
VAGC
Soft Clip Level
2
VPEAK
ASCO
Soft Clip Overdrive
20
dB
tATTACK
Attack Time
30
µs/6 dB
tDECAY
Decay Time
20
ms/6dB
ZIN
Input Impedance (M1/M2)
20
k
Ω
AMUTE
Mute Attenuation
Mute activated
60
dB
VNO
Noise Output Voltage
TAMB = 25°C
-72
dBmp
VIN Max
Input Voltage Range
Differential
±1
VPEAK
(M1/M2)
Single Ended
±0.5
VPEAK
BJT
Output Driver
VIN MAX
Input Voltage Range (LI)
±2
VPEAK
VTX
Dynamic Range
±2
VPEAK
RL
Return Loss
ZRL =1000
Ω; TAMB = 25°C
18
dB
∆ZAC/TEMP Temperature Variation
0.5
Ω/°C
Rx
Receive
Test Circuit Figure 9
ARX
Receive Gain (Vol. default)
LI to RO
1.5
3
4.5
dB
AVOL
Volume Gain
VOL key
+5.4
dBr
AVOL
Volume Gain
–/+ keys
-5.4/+8.1
dBr
∆ARX/F
Variation with Frequency
f = 500 Hz to 3.4 kHz
±0.8
dB
THD
Distortion
VRI < 0.25VRMS
2
%
VAGC
Soft Clip Level
VRO =
1
VPEAK
ASCO
Soft Clip Overdrive
10
dB
tATTACT
Attack Time
VRI > 0.8VRMS
30
µs/6 dB
tDECAY
Decay Time
20
ms/6dB
VNO
Noise Output Voltage
TAMB = 25°C
-72
dBmp
VUFC
Unwanted F. Components
50 Hz....20 kHz
-60
dBm
ZIN
Input Impedance (RI)
8
k
Ω
VIN RI
Input Voltage Range (RI)
±2
VPEAK
AST
Sidetone Cancellation
VRI < 0.25VRMS
26
dB
VIN ST
Input Voltage Range (STB)
±2
VPEAK
ZIN
Input Impedance (STB)
80
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com