Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533W Datasheet(PDF) 24 Page - ams AG

Part # AS2533W
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533W Datasheet(HTML) 24 Page - ams AG

Back Button AS2533W Datasheet HTML 18Page - ams AG AS2533W Datasheet HTML 19Page - ams AG AS2533W Datasheet HTML 20Page - ams AG AS2533W Datasheet HTML 21Page - ams AG AS2533W Datasheet HTML 22Page - ams AG AS2533W Datasheet HTML 23Page - ams AG AS2533W Datasheet HTML 24Page - ams AG AS2533W Datasheet HTML 25Page - ams AG AS2533W Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 23 of 25
Conditions for Delivery as Dice on Foil, sawn
Die thickness
380
± 20 m
Back finishing
back grinding, silicon
Frame
Material: Plastic
Size: see figure
Frame Position Tolerance
Center wafer to frame:
± 4mm
Angle deviation wafer to frame:
± 8°
Orientation wafer to frame: Wafer flat to frame side with kerfs
Covering adhesive foil to frame: >5mm
Tape
Type: PVC with acrylic adhesive
Thickness: 70
± 20 m
Sawing conditions
Sawing mode: Saw - through mode
Sawing width: typ. 60
m
Kerf depth in foil: typ. 20
m
XV -dimension deviation: max.25
m
Packing
frame sealed in foil bags filled with nitrogen
Storage time In sealed bags
2 months, Tamb = 25
°C
Mechanical Drawing of Frame (valid for 200 mm and 150 mm wafer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com