Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2533W Datasheet(PDF) 22 Page - ams AG

Part # AS2533W
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533W Datasheet(HTML) 22 Page - ams AG

Back Button AS2533W Datasheet HTML 18Page - ams AG AS2533W Datasheet HTML 19Page - ams AG AS2533W Datasheet HTML 20Page - ams AG AS2533W Datasheet HTML 21Page - ams AG AS2533W Datasheet HTML 22Page - ams AG AS2533W Datasheet HTML 23Page - ams AG AS2533W Datasheet HTML 24Page - ams AG AS2533W Datasheet HTML 25Page - ams AG AS2533W Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 21 of 25
Sizes and Coordinates
Die Size:
3.190mm x 2.975mm
Bond Pad Size:
85 m x 85 m
Bond Pad Co-ordinates:
Reference co-ordinate of DIE = DIE center
Reference co-ordinate of PAD = PAD center
X
[ m]
y
[ m]
Pad Name
Pin No
x
[ m]
y
[ m]
Pad Name
Pin No
Pads on the Left
Pads on the Right
-1413.50
1052.25
VDD
4
1392.50
-1053.80
R1
20
-1413.50
796.25
AGND
5
1392.50
-663.00
FCI
21
-1413.50
586.25
STB
6
1392.50
-319.80
LED
22
-1413.50
226.25
CI
7
1413.50
408.75
M1
23
-1392.50
-107.75
MO
8
1413.50
683.75
M2
24
-1392.50
-399.35
LLC
9
Pads on the Top
-1392.50
-974.20
HS/DP
10
1227.50
1301.25
CS
25
Pads on the Bottom
1079.50
1301.25
VSS
26
-1244.00
-1285.00
OSC
11
969.50
1301.25
VSS
26
-862.10
-1285.00
BOND_AS2535
627.50
1301.25
LI
27
-696.70
-1285.00
MODE
12
54.50
1301.25
RI
28
-432.50
-1285.00
BOND_AS2536
-90.50
1301.25
LS
1
-215.10
-1285.00
C4
13
-449.50
1301.25
MFL
2
-49.70
-1285.00
C3
14
-744.50
1301.25
RO
3
214.50
-1285.00
C2
15
379.90
-1285.00
C1
16
677.30
-1285.00
R4
17
842.70
-1285.00
R3
18
1173.30
-1285.00
R2
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com