Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1214 Datasheet(PDF) 53 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 53 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 49Page - Microchip Technology CAP1214 Datasheet HTML 50Page - Microchip Technology CAP1214 Datasheet HTML 51Page - Microchip Technology CAP1214 Datasheet HTML 52Page - Microchip Technology CAP1214 Datasheet HTML 53Page - Microchip Technology CAP1214 Datasheet HTML 54Page - Microchip Technology CAP1214 Datasheet HTML 55Page - Microchip Technology CAP1214 Datasheet HTML 56Page - Microchip Technology CAP1214 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
53
Revision 1.0 (08-30-10)
DATASHEET
Bit 7 - GP_EN - Enables the Grouped Sensors to be included during the sampling cycle.
‘0’ - All sensors in the grouped sensors will not be sampled regardless of the state of the
VOL_UP_DOWN bit.
‘1’ (default) - Grouped sensors will be sampled. Individual channels are enabled via the Group
Sampling Enable register.
Bit 6 - S7_EN - Enables the CS7 input to be included during the sampling cycle.
‘0’ - The CS7 input is not included in the sampling cycle.
‘1’ (default) - The CS7 input is included in the sampling cycle.
Bit 5 - S6_EN - Enables the CS6 input to be included during the sampling cycle.
Bit 4 - S5_EN - Enables the CS5 input to be included during the sampling cycle.
Bit 3 - S4_EN - Enables the CS4 input to be included during the sampling cycle.
Bit 2 - S3_EN - Enables the CS3 input to be included during the sampling cycle.
Bit 1 - S2_EN - Enables the CS2 input to be included during the sampling cycle.
Bit 0 - S1_EN - Enables the CS1 input to be included during the sampling cycle.
6.16
Button Configuration Register
The Button Configuration Register controls timings associated with the Capacitive Sensor channels 1
- 7 that are not Grouped.
Bits 7 - 4 - MAX_DUR_B [3:0] - (default 1010b) - Determines the maximum time that a button is
allowed to be pressed until the Capacitive Touch sensor is recalibrated as shown in Table 6.22.
Bits 3 - 0 - RPT_RATE_B[3:0] - (default 0100b) Determines the time duration between interrupt
assertions when auto repeat is enabled. The resolution is 35ms the range is from 35ms to 560ms as
shown in Table 6.23.
Table 6.21 Button Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
22h
R/W
Button
Configuration
MAX_DUR_B[3:0]
RPT_RATE_B[3:0]
A4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com