Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1214 Datasheet(PDF) 81 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 81 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 77Page - Microchip Technology CAP1214 Datasheet HTML 78Page - Microchip Technology CAP1214 Datasheet HTML 79Page - Microchip Technology CAP1214 Datasheet HTML 80Page - Microchip Technology CAP1214 Datasheet HTML 81Page - Microchip Technology CAP1214 Datasheet HTML 82Page - Microchip Technology CAP1214 Datasheet HTML 83Page - Microchip Technology CAP1214 Datasheet HTML 84Page - Microchip Technology CAP1214 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1214
81
Revision 1.0 (08-30-10)
DATASHEET
6.45
GPIO Input Register
The GPIO Input Register reflects the state of the LEDx / GPIOx pins. These bits are updated whenever
the pin state changes regardless of the operation of the pin. If a LEDx / GPIOx pin is configured as
an input (see Section 6.40), when a pin changes states, the GPIOx_STS bit is set. If the corresponding
interrupt enable bit is also set, an interrupt will be asserted.
6.46
LED Output Control Registers
The LED Output Control Registers control the output state of the LED pins when they are configured
as outputs (see Section 6.43, "LED / GPIO Direction Register") and are not linked to sensor inputs
(see Section 6.50, "Sensor LED Linking Register"). When these bits are set, the drive of the pin is
determined by the output type and the polarity controls (see Section 6.44, "LED / GPIO Output Type
Register" and Section 6.47, "LED Polarity Registers").
The LED Polarity Control register will determine the non actuated state of the LED pins. The actuated
LED behavior is determined by the LED behavior controls (see Section 6.51, "LED Behavior
Registers").
6.46.1
LED Output Control 1
Bit 7 - LED8_DR - Determines whether the LED8 output is driven high or low. This LED cannot be
linked to a Capacitive Touch Sensor.
‘0’ (default) - The LED8 output is driven at the minimum duty cycle or is not actuated.
‘1’ - The LED8 output is high-Z or driven at the maximum duty cycle or is actuated.
Bit 6 - LED7_DR - Determines whether LED7 output is driven high or low.
Bit 5 - LED6_DR - Determines whether LED6 output is driven high or low.
Bit 4 - LED5_DR - Determines whether LED5 output is driven high or low.
Bit 3 - LED4_DR - Determines whether LED4 output is driven high or low.
Bit 2 - LED3_DR - Determines whether LED3 output is driven high or low.
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
Table 6.65 GPIO Input Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
72h
R
GPIO Input
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
00h
Table 6.66 LED Output Control Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
73h
R/W
LED Output
Control 1
LED8_
DR
LED7_
DR
LED6_
DR
LED5_
DR
LED4_
DR
LED3_
DR
LED2_
DR
LED1_
DR
00h
74h
R/W
LED Output
Control 2
LED11_
DR
LED10_
DR
LED9_
DR
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com