Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1214 Datasheet(PDF) 88 Page - Microchip Technology

Part # CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1214 Datasheet(HTML) 88 Page - Microchip Technology

Back Button CAP1214 Datasheet HTML 84Page - Microchip Technology CAP1214 Datasheet HTML 85Page - Microchip Technology CAP1214 Datasheet HTML 86Page - Microchip Technology CAP1214 Datasheet HTML 87Page - Microchip Technology CAP1214 Datasheet HTML 88Page - Microchip Technology CAP1214 Datasheet HTML 89Page - Microchip Technology CAP1214 Datasheet HTML 90Page - Microchip Technology CAP1214 Datasheet HTML 91Page - Microchip Technology CAP1214 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
88
SMSC CAP1214
DATASHEET
Bits 5 - 4 - LED3_CTL[1:0] - Determines the behavior of LED3 / GPIO3 when configured to operate
as an LED output.
Bits 3 - 2 - LED2_CTL[1:0] - Determines the behavior of LED2 / GPIO2 when configured to operate
as an LED output.
Bits 1 - 0 - LED1_CTL[1:0] - Determines the behavior of LED1 / GPIO1 when configured to operate
as an LED output.
6.51.2
LED Behavior 2 - 82h
Bits 7 - 6 - LED8_CTL[1:0] - Determines the behavior of LED8 / GPIO8 when configured to operate
as an LED output.
Bits 5 - 4 - LED7_CTL[1:0] - Determines the behavior of LED7 / GPIO7 when configured to operate
as an LED output.
Bits 3 - 2 - LED6_CTL[1:0] - Determines the behavior of LED6 / GPIO6 when configured to operate
as an LED output.
Bits 1 - 0 - LED5_CTL[1:0] - Determines the behavior of LED5 / GPIO5 when configured to operate
as an LED output.
6.51.3
LED Behavior 3 - 83h
Bits 7 - 6 - LED11_ALT[1:0] - Determines the behavior of LED11 when the PWR_LED bit is set and
either the SLEEP or DSLEEP bits are set (see Section 6.1).
Bits 5 - 4 - LED11_CTL[1:0] - Determines the behavior of LED11 when the PWR_LED bit is set and
both the SLEEP and DSLEEP bits are not set (see Section 6.1). It also determines the behavior when
the LED is driven by setting bit 2 LED11_DR in the LED Output Control 2 Register (74h).
Bits 3 - 2 - LED10_CTL[1:0] - Determines the behavior of LED10.
Bits 1 - 0 - LED9_CTL[1:0] - Determines the behavior of LED9.
APPLICATION NOTE: When driving the LED / GPIOx output as a GPO, the LEDx_CTL[1:0] bits should be set to
00b.
Table 6.73 LEDx_CTL Bit Decode
LEDX_CTL
[1:0]
OPERATION
DESCRIPTION
START
TRIGGER
STOP
TRIGGER
10
0
0
Direct
The LED is driven to the programmed state
(active or inactive). See Figure 6.7
Touch Detected
or LED Output
Control bit set
Release
Detected or
LED Output
Control bit
cleared
01
Pulse 1
The LED will “Pulse” a programmed
number of times. During each “Pulse” the
LED will breathe up to the maximum
brightness and back down to the minimum
brightness so that the total “Pulse” period
matches the programmed value.
Touch or
Release
Detected or LED
Output Control
bit set or cleared
(see
Section 6.52)
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com