Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB320LI Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 5 Page - Texas Instruments

  TUSB320LI Datasheet HTML 1Page - Texas Instruments TUSB320LI Datasheet HTML 2Page - Texas Instruments TUSB320LI Datasheet HTML 3Page - Texas Instruments TUSB320LI Datasheet HTML 4Page - Texas Instruments TUSB320LI Datasheet HTML 5Page - Texas Instruments TUSB320LI Datasheet HTML 6Page - Texas Instruments TUSB320LI Datasheet HTML 7Page - Texas Instruments TUSB320LI Datasheet HTML 8Page - Texas Instruments TUSB320LI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TUSB320HI, TUSB320LI
www.ti.com
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
VDD must be 3.5 V or greater to advertise 3 A current.
(2)
Internal pullup and pulldown for PORT and ADDR are removed after the device has sampled EN = high or EN_N = low.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Power Consumption
IUNATTACHED_UFP
Current consumption in unattached mode when port is
unconnected and waiting for connection. [VDD = 4.5 V,
EN_N (TUSB320L) = L, EN (TUSB320H) = H, ADDR = NC,
PORT = L]
100
µA
IACTIVE_UFP
Current consumption in active mode. (VDD = 4.5 V, EN_N
(TUSB320L) = L, EN (TUSB320H) = H, ADDR = NC,
PORT = L)
100
µA
ISHUTDOWN
Leakage current when VDD is supplied, but the TUSB320
device is not enabled. (VDD = 4.5 V, EN_N (TUSB320L) =
H, EN (TUSB320H) = L)
0.040
µA
CC1 and CC2 Pins
RCC_DB
Pulldown resistor when in dead-battery mode.
4.1
5.1
6.1
kΩ
RCC_D
Pulldown resistor when in UFP or DRP mode.
4.6
5.1
5.6
kΩ
VTH_UFP_CC_USB
Voltage threshold for detecting a DFP attach when
configured as a UFP and DFP is advertising default current
source capability.
0.15
0.2
0.25
V
VTH_UFP_CC_MED
Voltage threshold for detecting a DFP attach when
configured as a UFP and DFP is advertising medium (1.5
A) current source capability.
0.61
0.66
0.7
V
VTH_UFP_CC_HIGH
Voltage threshold for detecting a DFP attach when
configured as a UFP and DFP is advertising high (3 A)
current source capability.
1.169
1.23
1.29
V
VTH_DFP_CC_USB
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising default current source
capability.
1.51
1.6
1.64
V
VTH_DFP_CC_MED
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising medium current (1.5
A) source capability.
1.51
1.6
1.64
V
VTH_DFP_CC_HIGH
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising high current (3.0 A)
source capability.
2.46
2.6
2.74
V
ICC_DEFAULT_P
Default mode pullup current source when operating in DFP
or DRP mode.
64
80
96
µA
ICC_MED_P
Medium (1.5 A) mode pullup current source when
operating in DFP or DRP mode.
166
180
194
µA
ICC_HIGH_P
High (3 A) mode pullup current source when operating in
DFP or DRP mode.(1)
304
330
356
µA
Control Pins: PORT, ADDR, INT/OUT3, EN_N, EN, ID
VIL
Low-level control signal input voltage (PORT, ADDR,
EN_N, EN)
0.4
V
VIM
Mid-level control signal input voltage (PORT, ADDR)
0.28 × VDD
0.56 × VDD
V
VIH
High-level control signal input voltage (PORT, ADDR,
EN_N)
VDD - 0.3
VDD
V
VIH_EN
High-Level control signal input voltage for EN for
TUSB320H
1.05
3.65
V
IIH
High-level input current
–20
20
µA
IIL
Low-level input current
–10
10
µA
REN_N
Internal pullup resistance for EN_N for TUSB320L
1.1
MΩ
REN
Internal pulldown resistance for EN for TUSB320H
500
kΩ
Rpu
(2)
Internal pullup resistance (PORT, ADDR)
588
kΩ
Rpd
(2)
Internal pulldown resistance (PORT, ADDR)
1.1
MΩ
VOL
Low-level signal output voltage (open-drain) (INT_N/OUT3,
ID)
IOL = –1.6 mA
0.4
V
Rp_ODext
External pullup resistor on open drain IOs (INT_N/OUT3,
ID)
200
kΩ
Rp_TLext
Tri-level input external pullup resistor (PORT, ADDR)
4.7
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com