Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB320LI Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 7Page - Texas Instruments TUSB320LI Datasheet HTML 8Page - Texas Instruments TUSB320LI Datasheet HTML 9Page - Texas Instruments TUSB320LI Datasheet HTML 10Page - Texas Instruments TUSB320LI Datasheet HTML 11Page - Texas Instruments TUSB320LI Datasheet HTML 12Page - Texas Instruments TUSB320LI Datasheet HTML 13Page - Texas Instruments TUSB320LI Datasheet HTML 14Page - Texas Instruments TUSB320LI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
TUSB320HI, TUSB320LI
www.ti.com
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
The TUSB320 supports two optional Type-C DRP features called Try.SRC and Try.SNK. Products supporting
dual-role functionality may have a need to be a source (DFP) or a sink (UFP) when connected to another dual-
role capable product. For example, a dual-role capable notebook may desire to be a source when connected to a
tablet, or a cell phone would prefer to be a sink when connected to a notebook or tablet. When standard DRP
products (products which don’t support either Try.SRC or Try.SNK) are connected together, the role (UFP or
DFP) outcome is not predetermined. These two optional DRP features provide a means for dual-role capable
products to connect to another dual-role capable product in the role desired. Try.SRC and Try.SNK are only
available when TUSB320 is configured in I2C mode. When operating in GPIO mode, the TUSB320 will always
operate as a standard DRP.
The TUSB320’s Try.SRC feature provides a means for a DRP product to connect as a DFP when connected to
another DRP product that doesn’t implement Try.SRC. When two products which implement Try.SRC are
connected together, the role outcome of either UFP or DFP is the same as a standard DRP. Try.SRC is enabled
by changing I2C register SOURCE_PREF to 2’b11. Once this register is changed to 2’b11, the TUSB320 will
always attempt to connect as a DFP when attached to another DRP capable device.
The TUSB320’s Try.SNK feature provides a method for a DRP product to connect as a UFP when connected to
another DRP product that doesn’t implement Try.SNK. When two products which implement Try.SNK are
connected together, the role outcome of either UFP or DFP is the same as a standard DRP. Try.SNK is enabled
by changing I2C register SOURCE_PREF to 2’b01. Once this register is changed to 2’b01, the TUSB320 will
always attempt to connect as a UFP when attached to another DRP capable device.
7.2.2 Type-C Current Mode
When a valid cable detection and attach have been completed, the DFP has the option to advertise the level of
Type-C current a UFP can sink. The default current advertisement for the TUSB320 device is max of 500 mA (for
USB2.0) or max of 900 mA (for USB3.1). If a higher level of current is available, the I2C registers can be written
to provide medium current at 1.5 A or high current at 3 A. When the CURRENT_MODE_ADVERTISE register
has been written to advertise higher than default current, the DFP adjusts the Rps for the specified current level.
If a DFP advertises 3 A, system designer must ensure that the VDD of the TUSB320 device is 3.5 V or greater.
Table 2 lists the Type-C current advertisements in GPIO an I2C modes.
Table 2. Type-C Current Advertisement for GPIO and I2C Modes
TYPE-C CURRENT
GPIO MODE (ADDR PIN IN NC)
I2C MODE (ADDR PIN H, L)
UFP (PORT PIN L)
DFP (PORT PIN H)
UFP
DFP
Default
max of 500
mA (USB2.0)
max of 900
mA (USB3.1)
Current mode detected
and output through OUT1
/ OUT2
Only advertisement
Current mode detected
and read through I2C
register
I2C register default is 500
or 900 mA (max)
Medium - 1.5 A (max)
N/A
Advertisement selected
through writing I2C
register
High - 3 A (max)
7.2.3 Accessory Support
The TUSB320 device supports audio and debug accessories in UFP, DFP mode and DRP mode. Audio and
debug accessory support is provided through reading of I2C registers. Audio accessory is also supported through
GPIO mode with INT_N/OUT3 pin (audio accessory is detected when INT_N/OUT3 pin is low).
7.2.3.1 Audio Accessory
Audio accessory mode is supported through two types of adapters. First, the passive audio adapter can be used
to convert the Type-C connector into an audio port. In order to effectively detect the passive audio adapter, the
TUSB320 device must detect a resistance < Ra on both of the CC pins.
Secondly, a charge through audio adapter may be used. The primary difference between a passive and charge
through adapter is that the charge through adapter supplies 500 mA of current over VBUS. The charge through
adapter contains a receptacle and a plug. The plug acts as a DFP and supply VBUS when the plug detects a
connection.
When the TUSB320 device is configured in GPIO mode, OUT3 pin determines if an audio accessory is
connected. When an audio accessory is detected, the OUT3 pin is pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com