Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB320LI Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB320LI
Description  USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB320LI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB320LI Datasheet HTML 6Page - Texas Instruments TUSB320LI Datasheet HTML 7Page - Texas Instruments TUSB320LI Datasheet HTML 8Page - Texas Instruments TUSB320LI Datasheet HTML 9Page - Texas Instruments TUSB320LI Datasheet HTML 10Page - Texas Instruments TUSB320LI Datasheet HTML 11Page - Texas Instruments TUSB320LI Datasheet HTML 12Page - Texas Instruments TUSB320LI Datasheet HTML 13Page - Texas Instruments TUSB320LI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
TUSB320HI, TUSB320LI
SLLSEP2B – AUGUST 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TUSB320HI TUSB320LI
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Feature Description (continued)
Table 1. Supported Features for the TUSB320 Device by Mode
PORT PIN
HIGH
(DFP ONLY)
LOW
(UFP ONLY)
NC
(DRP)
SUPPORTED
FEATURES
Port attach and
detach
Yes
Yes
Yes
Cable orientation
(through I2C)
Yes
Yes
Yes
Current advertisement
Yes
-
Yes (DFP)
Current detection
-
Yes
Yes (UFP)
Accessory modes
(audio and debug)
Yes
Yes
Yes
Try.SRC
-
-
Yes
Try.SNK
-
-
Yes
Active cable detection
Yes
-
Yes (DFP)
I2C / GPIO
Yes
Yes
Yes
Legacy cables
Yes
Yes
Yes
VBUS detection
-
Yes
Yes (UFP)
7.2.1.1 Downstream Facing Port (DFP) - Source
The TUSB320 device can be configured as a DFP only by pulling the PORT pin high through a resistance to
VDD. In DFP mode, the TUSB320 device constantly presents Rps on both CC. In DFP mode, the TUSB320
device initially advertises default USB Type-C current. The Type-C current can be adjusted through I2C if the
system needs to increase the amount advertised. The TUSB320 device adjusts the Rps to match the desired
Type-C current advertisement. In GPIO mode, the TUSB320 device only advertises default Type-C current.
When configured as a DFP, the TUSB320 can operate with older USB Type-C 1.0 devices except for a USB
Type-C 1.0 DRP device. A USB Type-C 1.1 compliant DFP can not connect to a Type-C 1.0 DRP. Because the
TUSB320 is compliant to Type-C 1.1, the TUSB320 can not operate with a USB Type-C 1.0 DRP device. This
limitation is a result of a backwards compatibility problem between USB Type-C 1.1 DFP and a USB Type-C 1.0
DRP.
7.2.1.2 Upstream Facing Port (UFP) - Sink
The TUSB320 device can be configured as a UFP only by pulling the PORT pin low to GND. In UFP mode, the
TUSB320 device constantly presents pulldown resistors (Rd) on both CC pins. The TUSB320 device monitors
the CC pins for the voltage level corresponding to the Type-C mode current advertisement by the connected
DFP. The TUSB320 device debounces the CC pins and wait for VBUS detection before successfully attaching. As
a UFP, the TUSB320 device detects and communicates the advertised current level of the DFP to the system
through the OUT1 and OUT2 GPIOs (if in GPIO mode) or through the I2C CURRENT_MODE_DETECT register
one time in the Attached.SNK state.
7.2.1.3 Dual Role Port (DRP)
The TUSB320 device can be configured to operate as a DRP when the PORT pin is left floated on the PCB. In
DRP mode, the TUSB320 device toggles between operating as a DFP and a UFP. When functioning as a DFP in
DRP mode, the TUSB320 device complies with all operations as defined for a DFP according to the Type-C
Specification. When presenting as a UFP in DRP mode, the TUSB320 device operates as defined for a UFP
according to the Type-C Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com