Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE592D8G. Datasheet(PDF) 5 Page - ON Semiconductor

Part # NE592D8G.
Description  Video Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE592D8G. Datasheet(HTML) 5 Page - ON Semiconductor

  NE592D8G. Datasheet HTML 1Page - ON Semiconductor NE592D8G. Datasheet HTML 2Page - ON Semiconductor NE592D8G. Datasheet HTML 3Page - ON Semiconductor NE592D8G. Datasheet HTML 4Page - ON Semiconductor NE592D8G. Datasheet HTML 5Page - ON Semiconductor NE592D8G. Datasheet HTML 6Page - ON Semiconductor NE592D8G. Datasheet HTML 7Page - ON Semiconductor NE592D8G. Datasheet HTML 8Page - ON Semiconductor NE592D8G. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NE592
www.onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
60
50
40
30
20
10
0
-10
1
5
10
50 100
500 1000
FREQUENCY − MHz
VS = +8V
VS = +3V
VS = +6V
GAIN 2
TA = 25
oC
RL = 1kW
14
1
12
11
8
7
4
3
0.2
mF
0.2
mF
592
51
W
RADJ
1k
W
1k
W
TA = 25
oC
VS = +6V
1000
100
10
1
.1
.01
1
10
100
1K
10K 100K
1M
RADJ − W
VS = +6V
f = 100kHz
TA = 25
oC
FIGURE 2
Figure 11. Gain vs. Frequency
as a Function of Supply Voltage
Figure 12. Voltage Gain Adjust
Circuit
Figure 13. Voltage Gain as a
Function of RADJ (Figure 2)
21
20
19
18
17
16
15
14
-60
-20
20
60
100
140
TEMPERATURE − oC
VS = +6V
70
60
50
40
30
20
10
0
0
20 40 60
80 100 120 140 160 180 200
DIFFERENTIAL INPUT VOLTAGE − mV
VS = +6V
TA = 25
oC
GAIN 2
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
3.0
4.0
5.0
6.0
7.0
8.0
SUPPLY VOLTAGE − +V
TA = 25
oC
VOLTAGE
CURRENT
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
10
50 100
500 1K
5K 10K
LOAD RESISTANCE −
W
VS = +6V
TA = 25
oC
Figure 14. Supply Current as a
Function of Temperature
Figure 15. Differential Overdrive
Recovery Time
Figure 16. Output Voltage and
Current Swing as a Function of
Supply Voltage
70
60
50
40
30
20
10
0
-60
-20
0
20
60
100
140
TEMPERATURE − oC
GAIN 2
VS = +6V
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1K
10K
SOURCE RESISTANCE −
W
GAIN 2
VS = +6V
TA = 25
oC
BW = 10MHz
Figure 17. Output Voltage
Swing as a Function of Load
Resistance
Figure 18. Input Resistance as a
Function of Temperature
Figure 19. Input Noise Voltage
as a Function of Source
Resistance
51
W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com