Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE592D8G. Datasheet(PDF) 3 Page - ON Semiconductor

Part # NE592D8G.
Description  Video Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE592D8G. Datasheet(HTML) 3 Page - ON Semiconductor

  NE592D8G. Datasheet HTML 1Page - ON Semiconductor NE592D8G. Datasheet HTML 2Page - ON Semiconductor NE592D8G. Datasheet HTML 3Page - ON Semiconductor NE592D8G. Datasheet HTML 4Page - ON Semiconductor NE592D8G. Datasheet HTML 5Page - ON Semiconductor NE592D8G. Datasheet HTML 6Page - ON Semiconductor NE592D8G. Datasheet HTML 7Page - ON Semiconductor NE592D8G. Datasheet HTML 8Page - ON Semiconductor NE592D8G. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NE592
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (VSS = "6.0 V, VCM = 0, typicals at TA = +25°C, min and max at 0°C v TA v 70°C, unless
otherwise noted. Recommended operating supply voltages VS = "6.0 V.)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
Differential Voltage Gain
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
RL = 2.0 kW, VOUT = 3.0 VP-P
AVOL
250
80
400
100
600
120
V/V
Input Resistance
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
−
TA = 25°C
0
°C v TA v 70°C
RIN
−
10
8.0
4.0
30
−
−
−
−
k
W
Input Capacitance
Gain 2 (Note 4)
CIN
−
2.0
−
pF
Input Offset Current
TA = 25°C
0
°C v TA v 70°C
IOS
−
−
0.4
−
5.0
6.0
mA
Input Bias Current
TA = 25°C
0
°C v TA v 70°C
IBIAS
−
−
9.0
−
30
40
mA
Input Noise Voltage
BW 1.0 kHz to 10 MHz
VNOISE
−
12
−
mVRMS
Input Voltage Range
−
VIN
"1.0
−
−
V
Common-Mode Rejection Ratio
Gain 2 (Note 4)
VCM "1.0 V, f < 100 kHz, TA = 25°C
VCM "1.0 V, f < 100 kHz,
0
°C v TA v 70°C
VCM "1.0 V, f < 5.0 MHz
CMRR
60
50
−
86
−
60
−
−
−
dB
Supply Voltage Rejection Ratio
Gain 2 (Note 4)
DVS = "0.5 V
PSRR
50
70
−
dB
Output Offset Voltage
Gain 1
Gain 2 (Note 4)
Gain 3 (Note 5)
Gain 3 (Note 5)
RL = R
RL = R
RL = R, TA = 25°C
RL = R, 0°C v TA v 70°C
VOS
−
−
−
−
−
−
0.35
−
1.5
1.5
0.75
1.0
V
Output Common-Mode Voltage
RL = R, TA = 25°C
VCM
2.4
2.9
3.4
V
Output Voltage Swing Differential
RL = 2.0 kW, TA = 25°C
RL = 2.0 kW, 0°C v TA v 70°C
VOUT
3.0
2.8
4.0
−
−
−
V
Output Resistance
−
ROUT
−
20
−
W
Power Supply Current
RL = R, TA = 25°C
RL = R, 0°C v TA v 70°C
ICC
−
−
18
−
24
27
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS (TA = +25°C VSS = "6.0 V, VCM = 0, unless otherwise noted. Recommended operating
supply voltages VS = "6.0 V.)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
Bandwidth
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
−
BW
−
−
40
90
−
−
MHz
Rise Time
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
VOUT = 1.0 VP−P
tR
−
−
10.5
4.5
12
−
ns
Propagation Delay
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
VOUT = 1.0 VP−P
tPD
−
−
7.5
6.0
10
−
ns
2. Gain select Pins G1A and G1B connected together.
3. Gain select Pins G2A and G2B connected together.
4. Applies to 14-pin version only.
5. All gain select pins open.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com