Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE592D8G. Datasheet(PDF) 6 Page - ON Semiconductor

Part # NE592D8G.
Description  Video Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE592D8G. Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NE592D8G. Datasheet HTML 2Page - ON Semiconductor NE592D8G. Datasheet HTML 3Page - ON Semiconductor NE592D8G. Datasheet HTML 4Page - ON Semiconductor NE592D8G. Datasheet HTML 5Page - ON Semiconductor NE592D8G. Datasheet HTML 6Page - ON Semiconductor NE592D8G. Datasheet HTML 7Page - ON Semiconductor NE592D8G. Datasheet HTML 8Page - ON Semiconductor NE592D8G. Datasheet HTML 9Page - ON Semiconductor NE592D8G. Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NE592
www.onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
0
-5
-10
-15
-20
-25
0
1
234
5
678
9
10
FREQUENCY − MHz
GAIN 2
VS = +6V
TA = 25
oC
60
50
40
30
20
10
0
1
10
100
1000
FREQUENCY − MHz
VS = +6V
Tamb = 25
oC
RL = 1KW
GAIN 1
GAIN 2
Figure 20. Phase Shift as a
Function of Frequency
Figure 21. Phase Shift as a
Function of Frequency
Figure 22. Voltage Gain as a
Function of Frequency
0
-50
-100
-150
-200
-250
-300
-350
1
10
100
1000
FREQUENCY − MHz
VS = +6V
TA = 25
oC
GAIN 1
GAIN 2
.01
.1
1
10
100
1000
40
30
20
10
0
-10
-20
-30
-40
-50
FREQUENCY − MHz
VS = +6V
TA = 25
oC
GAIN 3
Figure 23. Voltage Gain as a
Function of Frequency
VIN
VOUT
RL
592
51
W
51
W
51
W
51
W
ein
eout eout
1k
W 1kW
0.2
mF
0.2
mF
592
TEST CIRCUITS (TA = 25°C, unless otherwise noted.)
Figure 24. Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com