Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1046-DCI Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1046-DCI
Description  USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1046-DCI Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1046-DCI Datasheet HTML 1Page - Texas Instruments TUSB1046-DCI Datasheet HTML 2Page - Texas Instruments TUSB1046-DCI Datasheet HTML 3Page - Texas Instruments TUSB1046-DCI Datasheet HTML 4Page - Texas Instruments TUSB1046-DCI Datasheet HTML 5Page - Texas Instruments TUSB1046-DCI Datasheet HTML 6Page - Texas Instruments TUSB1046-DCI Datasheet HTML 7Page - Texas Instruments TUSB1046-DCI Datasheet HTML 8Page - Texas Instruments TUSB1046-DCI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
TUSB1046-DCI
SLLSEW2 – AUGUST 2016
www.ti.com
Product Folder Links: TUSB1046-DCI
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Power Supply Characteristics ................................... 6
6.6
DC Electrical Characteristics .................................... 6
6.7
AC Electrical Characteristics..................................... 7
6.8
Timing Requirements ................................................ 8
6.9
Switching Characteristics .......................................... 9
6.10
Typical Characteristics .......................................... 10
7
Parameter Measurement Information ................ 12
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
8.2
Functional Block Diagram ....................................... 15
8.3
Feature Description................................................. 16
8.4
Device Functional Modes........................................ 17
8.5
Programming........................................................... 22
8.6
Register Maps ......................................................... 24
9
Application and Implementation ........................ 29
9.1
Application Information............................................ 29
9.2
Typical Application ................................................. 29
9.3
System Examples .................................................. 33
10
Power Supply Recommendations ..................... 38
11
Layout................................................................... 39
11.1
Layout Guidelines ................................................. 39
11.2
Layout Example .................................................... 39
12
Device and Documentation Support ................. 40
12.1
Related Links ........................................................ 40
12.2
Receiving Notification of Documentation Updates 40
12.3
Community Resources.......................................... 40
12.4
Trademarks ........................................................... 40
12.5
Electrostatic Discharge Caution ............................ 40
12.6
Glossary ................................................................ 40
13
Mechanical, Packaging, and Orderable
Information ........................................................... 40
4 Revision History
DATE
REVISION
NOTES
August 2016
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com