Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1046-DCI Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1046-DCI
Description  USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1046-DCI Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB1046-DCI Datasheet HTML 35Page - Texas Instruments TUSB1046-DCI Datasheet HTML 36Page - Texas Instruments TUSB1046-DCI Datasheet HTML 37Page - Texas Instruments TUSB1046-DCI Datasheet HTML 38Page - Texas Instruments TUSB1046-DCI Datasheet HTML 39Page - Texas Instruments TUSB1046-DCI Datasheet HTML 40Page - Texas Instruments TUSB1046-DCI Datasheet HTML 41Page - Texas Instruments TUSB1046-DCI Datasheet HTML 42Page - Texas Instruments TUSB1046-DCI Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
To USB Host
AC Coupling
capacitors
RX2
TX2
TX1
RX1
DP0
DP1
DP2
DP3
39
TUSB1046-DCI
www.ti.com
SLLSEW2 – AUGUST 2016
Product Folder Links: TUSB1046-DCI
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
1. RXP/N and TXP/N pairs should be routed with controlled 90-Ω differential impedance (±15%).
2. Keep away from other high speed signals.
3. Intra-pair routing should be kept to within 2 mils.
4. Length matching should be near the location of mismatch.
5. Each pair should be separated at least by 3 times the signal trace width.
6. The use of bends in differential traces should be kept to a minimum. When bends are used, the number of
left and right bends should be as equal as possible and the angle of the bend should be
≥ 135 degrees. This
will minimize any length mismatch causes by the bends and therefore minimize the impact bends have on
EMI.
7. Route all differential pairs on the same of layer.
8. The number of vias should be kept to a minimum. It is recommended to keep the vias count to 2 or less.
9. Keep traces on layers adjacent to ground plane.
10. Do not route differential pairs over any plane split.
11. Adding Test points will cause impedance discontinuity, and therefore, negatively impact signal performance.
If test points are used, they should be placed in series and symmetrically. They must not be placed in a
manner that causes a stub on the differential pair.
11.2 Layout Example
Figure 35. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com