Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1046-DCI Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1046-DCI
Description  USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1046-DCI Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1046-DCI Datasheet HTML 9Page - Texas Instruments TUSB1046-DCI Datasheet HTML 10Page - Texas Instruments TUSB1046-DCI Datasheet HTML 11Page - Texas Instruments TUSB1046-DCI Datasheet HTML 12Page - Texas Instruments TUSB1046-DCI Datasheet HTML 13Page - Texas Instruments TUSB1046-DCI Datasheet HTML 14Page - Texas Instruments TUSB1046-DCI Datasheet HTML 15Page - Texas Instruments TUSB1046-DCI Datasheet HTML 16Page - Texas Instruments TUSB1046-DCI Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
CTL1
VOUT
50%
90%
50%
10%
TAUX_SW_ON
TAUX_SW_OFF + TCTL1_DEBOUNCE
tr
tf
20%
80%
TIDLEExit
TIDLEEntry
IN+
IN-
Vcm
OUT+
OUT-
Vcm
VRX-LFPS-DET-DIFF-PP
13
TUSB1046-DCI
www.ti.com
SLLSEW2 – AUGUST 2016
Product Folder Links: TUSB1046-DCI
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 14. Electrical Idle Mode Exit and Entry Delay
Figure 15. Output Rise and Fall Times
Figure 16. AUX and SBU Switch ON and OFF Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com