Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5036IPFC Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS5036IPFC
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036IPFC Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5036IPFC Datasheet HTML 8Page - Texas Instruments TAS5036IPFC Datasheet HTML 9Page - Texas Instruments TAS5036IPFC Datasheet HTML 10Page - Texas Instruments TAS5036IPFC Datasheet HTML 11Page - Texas Instruments TAS5036IPFC Datasheet HTML 12Page - Texas Instruments TAS5036IPFC Datasheet HTML 13Page - Texas Instruments TAS5036IPFC Datasheet HTML 14Page - Texas Instruments TAS5036IPFC Datasheet HTML 15Page - Texas Instruments TAS5036IPFC Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Architecture Overview
7
SLES044B—November 2002
TAS5036
There are three data rates: normal speed, double speed, and quad speed.
Normal-speed mode supports data rates of 32 kHz, 44.1 kHz, and 48 kHz. Normal speed is supported in the
master and slave modes. The PWM is placed in normal speed by setting the DBSPD terminal low or by setting
the normal mode bits in the system control register through the serial control interface. Following this
operation, the PWM performs an error recovery sequence automatically and operates in the normal speed
mode.
Double-speed mode is used to support sampling rates of 88.2 kHz and 96 kHz. Double speed is supported
in master and slave modes. The PWM is placed in double speed mode by setting the DBSPD terminal high
or by setting the double speed bits in the system control register through the serial control interface. Following
this operation, the PWM performs an error recovery sequence automatically and operates in the double speed
mode.
Quad-speed mode is used to support sampling rates of 176.4 kHz and 192 kHz. Quad-speed mode is auto
detected supported in slave mode and invoked by control in master mode in slave mode. If the device is not
in double speed mode, quad-speed mode is automatically detected when MCLK_IN is 128Fs. In master mode,
the PWM is placed in quad-speed mode by setting the quad-speed bit in the system control register through
the serial control interface.
Table 2–1. Normal-Speed, Double-Speed, and Quad-Speed Operation
QUAD-SPEED CONTROL
REGISTER BIT
DBSPD TERMINAL OR
CONTROL REGISTER BIT
MODE
SPEED SELECTION
0
0
Master or slave
Normal speed
0
1
Master or slave
Double speed
1
0
Master or slave
Quad speed
0
0
Slave
Quad speed if MCLK_IN = 128Fs
1
1
Master or slave
Error
2.1.2 Clock Master/Slave Mode (M_S)
Clock master and slave mode can be invoked using the M_S (master slave) terminal.
This terminal specifies the default mode that is set immediately following a device RESET. The serial data
interface setting permits the clock generation mode to be changed during normal operation.
The transition to master mode occurs:
•
Following a RESET when M_S terminal has a logic high applied
The transition to slave mode occurs:
•
Following a RESET when M_S terminal has a logic low applied
2.1.3 Clock Master Mode
When M_S = 1 following a RESET, the TAS5036 provides the master clock, SCLK, and LRCLK to the rest of
the system. In the master mode, the TAS5036 outputs the audio system clocks MCLK_OUT, SCLK, and
LRCLK.
The TAS5036 device generates these clocks plus its internal clocks from the internal phase-locked loop (PLL).
The reference clock for the PLL can be provided by either an external clock source (attached to XTAL_IN) or
a crystal (connected across terminals XTAL_IN and XTAL_OUT). The external source attached to MCLK_IN
is 256 times (128 in quad mode) the data sample rate (Fs). The SCLK frequency is 64 times the data sample
rate and the SCLK frequency of 48 times the data sample rate is not supported in the master mode. The LRCLK
frequency is the data sample rate.
2.1.3.1
Crystal Type and Circuit
In clock master mode the TAS5036 can derive the MCLKOUT, SCLK, and LRCLK from a crystal. In this case,
the TAS5036 uses a parallel-mode fundamental-mode crystal. This crystal is connected to the TAS5036 as
shown in Figure 2–1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com