Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5036IPFC Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS5036IPFC
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036IPFC Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5036IPFC Datasheet HTML 14Page - Texas Instruments TAS5036IPFC Datasheet HTML 15Page - Texas Instruments TAS5036IPFC Datasheet HTML 16Page - Texas Instruments TAS5036IPFC Datasheet HTML 17Page - Texas Instruments TAS5036IPFC Datasheet HTML 18Page - Texas Instruments TAS5036IPFC Datasheet HTML 19Page - Texas Instruments TAS5036IPFC Datasheet HTML 20Page - Texas Instruments TAS5036IPFC Datasheet HTML 21Page - Texas Instruments TAS5036IPFC Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Architecture Overview
13
SLES044B—November 2002
TAS5036
22
21
SCLK
24 Clks
LRCLK
Left Channel
19
9
8
1
0
MSB
LSB
2-Channel Left-Justified Stereo Input/Output (24-Bit Transfer Word Size)
3
2
4
20
23
22
21
24 Clks
Right Channel
19
9
8
1
0
MSB
LSB
3
2
4
20
23
5
5
24-Bit Mode
Figure 2–6. Left-Justified 48-Fs Format
2.1.7.3
Right-Justified Timing
Right-justified (RJ) timing uses an LRCLK to define when the data being transmitted is for the left channel and
the right channel. The LRCLK is high for the left channel and low for the right channel. A bit clock running at
48 or 64 times Fs is used to clock in the data. The first bit of data appears on the data 8-bit clock periods (for
24-bit data) after LRCLK toggles. In RJ mode, the last bit clock before LRCLK transitions always clocks the
LSB of data. The data is written MSB first and is valid on the rising edge of bit clock. The TAS5036 masks
unused leading data bit positions. Master mode only supports a 64 times Fs bit clock.
23
22
SCLK
32 Clks
LRCLK
Left Channel
24-Bit Mode
19
18
15
14
1
0
19
18
20-Bit Mode
15
14
1
0
16-Bit Mode
1
0
15
14
MSB
LSB
2-Channel Right-Justified (Sony Format) Stereo Input
NOTE: All data presented in 2s complement form with MSB first.
23
22
32 Clks
Right Channel
19
18
15
14
1
0
19
18
15
14
1
0
1
0
15
14
MSB
LSB
Figure 2–7. Right-Justified 64-Fs Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com