| Electronic Components Datasheet Search |
|
ML610421 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML610421 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd. |
|
13 / 31 page ![]() FEDL610421-02 ML610421 13/31 Pin name I/O Description Primary/ Secondary/ Tertiary Logic UART TXD0 O UART data output pin. This pin is used as the secondary function of the P43 pin. Secondary Positive RXD0 I UART data input pin. This pin is used as the secondary function of the P42 or the primary function of the P02 pin. Primary/ Secondary Positive I 2C bus interface SDA I/O I 2C data input/output pin. This pin is used as the secondary function of the P40 pin. This pin has an NMOS open drain output. When using this pin as a function of the I 2C, externally connect a pull-up resistor. Secondary Positive SCL I/O I 2C clock output pin. This pin is used as the secondary function of the P41 pin. This pin has an NMOS open drain output. When using this pin as a function of the I 2C, externally connect a pull-up resistor. Secondary Positive Synchronous serial (SSIO) SCK0 I/O Synchronous serial clock input/output pin. This pin is used as the tertiary function of the P41 or P45 pin. Tertiary — SIN0 I Synchronous serial data input pin. This pin is used as the tertiary function of the P40 or P44 pin. Tertiary Positive SOUT0 O Synchronous serial data output pin. This pin is used as the tertiary function of the P42 or P46 pin. Tertiary Positive PWM PWM0 O PWM0 output pin. This pin is used as the tertiary function of the P43 or P34 pin. Tertiary Positive T02P0CK O PWM0 external clock input pin. This pin is used as the primary function of the P44 pin. Primary — External interrupt NMI I External non-maskable interrupt input pin. An interrupt is generated on both edges. Primary Positive/ negative EXI0-3 I External maskable interrupt input pins. Interrupt enable and edge selection can be performed for each bit by software. These pins are used as the primary functions of the P00-P03 pins. Primary Positive/ negative Capture CAP0 I Capture trigger input pins. The value of the time base counter is captured in the register synchronously with the interrupt edge selected by software. These pins are used as the primary functions of the P00 pin(CAP0) and P01 pin(CAP1). Primary Positive/ negative CAP1 I Primary Positive/ negative Timer T02P0CK I External clock input pin used for both Timer 0 and Timer 2. The clocks for these timers are selected by software. This pin is used as the primary function of the P44 pin. Primary — T13P1CK I External clock input pin used for both Timer 1 and Timer 3. The clocks for these timers are selected by software. This pin is used as the primary function of the P45 pin. Primary — Melody MD0 O Melody/buzzer signal output pin. This pin is used as the secondary function of the P22 pin. Secondary Positive/ negative LED drive LED0-2 O Nch open drain output pins to drive LED. Primary Positive/ negative |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |