Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610421 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610421
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610421 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML610421 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610421 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
FEDL610421-02
ML610421
4/31
• Product name – Supported Function
The line-up of the ML610421 is below.
- Chip (Die) -
ROM type
Operating
temperature
Product availability
ML610421-xxxWA
Mask ROM
-20°C to +70°C
Yes
ML610422-xxxWA
Mask ROM
-20°C to +70°C
-
ML610421P-xxxWA
Mask ROM
-40°C to +85°C
-
ML610422P-xxxWA
Mask ROM
-40°C to +85°C
-
-120-pin plastic
TQFP -
ROM type
Operating
temperature
Product availability
ML610421-xxxTB
Mask ROM
-20°C to +70°C
-
ML610422-xxxTB
Mask ROM
-20°C to +70°C
-
ML610421P-xxxTB
Mask ROM
-40°C to +85°C
-
ML610422P-xxxTB
Mask ROM
-40°C to +85°C
-
xxx: ROM code number (xxx of the blank product is NNN)
Q: Flash ROM version
P: Wide range temperature version (P version)
WA: Chip (Die),
TB: TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com